Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC088FN Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC088FN
Description  AUI CONCENTRATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC088FN Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC088FN Datasheet HTML 1Page - Texas Instruments SN75LBC088FN Datasheet HTML 2Page - Texas Instruments SN75LBC088FN Datasheet HTML 3Page - Texas Instruments SN75LBC088FN Datasheet HTML 4Page - Texas Instruments SN75LBC088FN Datasheet HTML 5Page - Texas Instruments SN75LBC088FN Datasheet HTML 6Page - Texas Instruments SN75LBC088FN Datasheet HTML 7Page - Texas Instruments SN75LBC088FN Datasheet HTML 8Page - Texas Instruments SN75LBC088FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN75LBC088
AUI CONCENTRATOR
SLLS150A – DECEMBER 1992 – REVISED MAY 1993
2–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLK –
3
O
Clock output. Output for an external series-resonant 10-MHz crystal required for internal timing.
CLK +
2
I
Clock input. Input for an external series-resonant 10-MHz crystal required for internal timing. The CLK+
accepts an external TTL level clock also.
DRVDDx
4, 14, 25, 35,
46, 56, 67, 77
VDD power supply. These terminals provide power to the drivers.
DRVSSx
9, 19, 30, 40,
51, 61, 72, 82
VSS power ground. These terminals provide a ground return for the driver circuits.
GCL –
64
I
Global collision. Differential inputs that receive the network collision status for forwarding to the
GCL +
63
I
individual station ports.
GLOBAL
1
I/O
Global. This is a bidirectional terminal. When functioning as an output, the chip is in a test mode and
monitors internal nodes that are multiplexed to it. When functioning as an input, the terminal is pulled
low (LOCAL held high) and the station ports are connected to the LAN. This terminal is held inactive
(high) with an internal pullup resistor.
GRX –
42
I
Global receive. Differential inputs that receive network data from an external transceiver and route it
GRX +
41
I
to all eight station ports.
GTX –
24
O
Global transmit. Differential outputs that transmit data from one of eight station ports to the network.
GTX +
23
O
LOCAL
66
I
Local. When in local mode, this terminal is pulled low (GLOBAL held high) and the station ports are
disconnected from the LAN. This terminal is held inactive (high) with an internal pullup resistor.
RCVDD1
20
VDD power supply. These terminals provide power to the receivers.
RCVDD2
62
RCVSS1
21
VSS power ground. These terminals provide a ground return for receivers.
RCVSS2
65
SCLx –
8, 16, 29, 37
50, 58, 71, 79
O
Station port collision. Differential outputs that transmit the collision condition to the station. When during
any station transmit activity one or more additional stations become active, the device recognizes this
SCLx +
7, 15, 28, 36,
49, 57, 70, 78
O
as a collision. The device then places a 10-MHz collision signal on all of the SCLx output drivers.
SRX –
11, 13, 32, 34,
53, 55, 74, 76
I
Station port receive. Differential input for receiving data from the station to the network.
SRX +
10, 12, 31, 33,
52, 54, 73, 75
I
STX –
6, 18, 27, 39,
48, 60, 69, 81
O
Station port transmit. Differential output for transmitting network data to the the station.
STX +
5, 17, 26, 38,
47, 59, 68, 80
O
SMARTSQE
22
I
This input enables the smart SQE circuitry. In normal operating mode, this enables the SMARTSQE
test function performed at the end of a data packet transmission. In the test mode, SMARTSQE works
with TEST to place the chip into a special mode. This terminal is held inactive (high) with an internal
pullup resistor.
TEST
45
I
Test. To invoke the self-exerciser test mode, this terminal and GLOBAL are enabled.
VDD(L)
43, 84
VDD logic power supply. These terminals provide power to the CMOS logic.
VSS(L)
44, 83
VSS logic ground. These terminals provide power to a ground return for the CMOS logic.


Similar Part No. - SN75LBC088FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC086 TI1-SN75LBC086 Datasheet
179Kb / 11P
[Old version datasheet]   DIFFERENTIAL I/O DRIVER/RECEIVER PAIR WITH SQUELCH, JABBER CONTROL, AND COLLISION DETECTION
SN75LBC086DW TI1-SN75LBC086DW Datasheet
179Kb / 11P
[Old version datasheet]   DIFFERENTIAL I/O DRIVER/RECEIVER PAIR WITH SQUELCH, JABBER CONTROL, AND COLLISION DETECTION
More results

Similar Description - SN75LBC088FN

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4642 MICRO-LINEAR-ML4642 Datasheet
277Kb / 15P
   AUI Multiplexer
logo
Advantech Co., Ltd.
BEMG-4221 ADVANTECH-BEMG-4221_13 Datasheet
197Kb / 1P
   Energy Data Concentrator
BEMG-4110 ADVANTECH-BEMG-4110 Datasheet
170Kb / 1P
   Energy Data Concentrator
logo
Nuvotem Talema
TAM-40A-J TALEMA-TAM-40A-J Datasheet
82Kb / 1P
   AUI Ethernet Isolation Transformers
logo
XFMRS Inc.
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261A XFMRS-XF12261A Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X_15 Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
logo
Micro Linear Corporatio...
ML4644 MICRO-LINEAR-ML4644 Datasheet
199Kb / 11P
   4 Port AUI Multiplexer
logo
Zarlink Semiconductor I...
MVTX1100 ZARLINK-MVTX1100 Datasheet
441Kb / 40P
   9-Port Home PNA Packet Concentrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com