Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1885 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1885
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1885 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1885 Datasheet HTML 1Page - Diodes Incorporated AH1885 Datasheet HTML 2Page - Diodes Incorporated AH1885 Datasheet HTML 3Page - Diodes Incorporated AH1885 Datasheet HTML 4Page - Diodes Incorporated AH1885 Datasheet HTML 5Page - Diodes Incorporated AH1885 Datasheet HTML 6Page - Diodes Incorporated AH1885 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH1885
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1885 Rev. 1
1 of 7
SEPTEMBER 2007
www.diodes.com
© Diodes Incorporated
Micropower operation
Operation with North or South Pole
1.65 to 3.3V battery operation
Chopper stabilized
• Superior temperature stability
• Extremely Low Switch-Point Drift
• Insensitive to Physical Stress
Good RF noise immunity
-40
°C to 85°C operating temperature
ESD > 4KV in human body mode
SOT553: Available in “Green” Molding Compound
(No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
AH1885 is with two Hall effect plates and dual CMOS output
driver, mainly designed for battery–powered, hand-held
equipment (such as Cellular and Cordless Phone, PDA). The
total operation power is down to 15uW in the 1.8V supply.
Either north or south pole of sufficient strength will turn the
output1 on. The output1 will be turned off under no magnetic
field.
While the magnetic flux density (B) is larger than operate point
(Bop), the output1 will be turned on (low), the output1 is held until
B is lower than release point (Brp), then turned off.
Applications
Cellular phone
PDA
Cordless phone
Ordering Information
AH1885 - X X X
Packing
Package
Lead Free
Z : SOT553
G : Green
-7 : Taping
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
AH1885-Z
Z
SOT553
3000/Tape & Reel
-7


Similar Part No. - AH1885

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1885 DIODES-AH1885 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1885-ZG-7 DIODES-AH1885-ZG-7 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
More results

Similar Description - AH1885

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
logo
Major-Power Technology ...
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
logo
Diodes Incorporated
AH1883 DIODES-AH1883_11 Datasheet
228Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Advanced Power Electron...
APE9105 A-POWER-APE9105 Datasheet
115Kb / 6P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Major-Power Technology ...
MA7005 MPOWER-MA7005 Datasheet
125Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7003 MPOWER-MA7003 Datasheet
119Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.5
MA7007 MPOWER-MA7007 Datasheet
128Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.3
logo
Diodes Incorporated
AH1883 DIODES-AH1883 Datasheet
96Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com