Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-4860MC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHM-4860MC
Description  Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHM-4860MC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHM-4860MC Datasheet HTML 1Page - List of Unclassifed Manufacturers SHM-4860MC Datasheet HTML 2Page - List of Unclassifed Manufacturers SHM-4860MC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
••••• 200ns Maximum acquisition time
••••• ±0.01% Accuracy
••••• 100ns Maximum sample-hold settling time
••••• 74dB Feedthrough attenuation
••••• ±50ps Aperture uncertainty
••••• Industry standard
GENERAL DESCRIPTION
DATEL’s SHM-4860 is a high-speed, highly accurate sample-
hold amplifier designed for precision, high-speed analog signal
processing applications. Manufactured using modern, high-
quality hybrid technology, the SHM-4860 features excellent
dynamic specifications including a maximum acquisition time of
only 200ns for a 10V step to ±0.01%. Sample-to-hold settling
time, to ±0.01% accuracy, is 100ns maximum with an aperture
uncertainty of ±50ps.
The SHM-4860 is a complete sample-hold circuit, containing a
precision MOS hold capacitor and a MOSFET switching
configuration which results in faster switching and better
feedthrough attenuation. Additionally, a FET-input amplifier
design allows faster acquisition and settling times while
maintaining a considerably lower droop rate.
Figure 1. Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1194 (U.S.A.) Tel: 508-339-3000 Fax: 508-339-6356 • For immediate assistance 800-233-2765
PIN
FUNCTION
PIN
FUNCTION
1
OUTPUT
24
+15V SUPPLY
2
N.C.
23
GROUND
3
N.C.
22
–15V SUPPLY
4
N.C.
21
GROUND
5
N.C.
20
N.C.
6
N.C.
19
N.C.
7
N.C.
18
N.C.
8
N.C.
17
N.C.
9
+5V SUPPLY
16
N.C.
10
GROUND
15
GROUND
11
HOLD COMMAND
14
N.C.
12
HOLD COMMAND
13
INPUT
INPUT/OUTPUT CONNECTIONS
INNOVATION and EXCELLENCE
®
®
SHM-4860
Industry-Standard, High-Speed
±0.01% Sample-Hold Amplifiers
+
10
15
21
23
INTERNAL
SUPPLY BYPASS
CAPACITORS
9 +5V SUPPLY
24 +15V SUPPLY
22 –15V SUPPLY
1 OUTPUT
CH
1k
W
INPUT 13
HOLD COMMAND 11
HOLD COMMAND 12
SWITCH
DRIVER
SYSTEM GROUND
1k
W


Similar Part No. - SHM-4860MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-4860MC MURATA-PS-SHM-4860MC Datasheet
143Kb / 4P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-4860MC DATEL-SHM-4860MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-4860MC DATEL-SHM-4860MC Datasheet
148Kb / 3P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifi ers
More results

Similar Description - SHM-4860MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-4860 MURATA-PS-SHM-4860 Datasheet
143Kb / 4P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-4860 DATEL-SHM-4860 Datasheet
148Kb / 3P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifi ers
logo
Sony Corporation
CXA1009 SONY-CXA1009 Datasheet
740Kb / 19P
   HIGH-SPEED SAMPLE AND HOLD AMPLIFIERS
logo
Murata Power Solutions ...
SHM-950 MURATA-PS-SHM-950 Datasheet
140Kb / 3P
   Miniture, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
List of Unclassifed Man...
SHM-49 ETC1-SHM-49 Datasheet
42Kb / 3P
   Miniature, High-Speed -0.01% Sample-Hold Amplifiers
SHM-950 ETC1-SHM-950 Datasheet
60Kb / 3P
   Miniature, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-50 MURATA-PS-SHM-50 Datasheet
146Kb / 3P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
SHM-49 MURATA-PS-SHM-49 Datasheet
135Kb / 3P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com