Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C4853111 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C4853111
Description  2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4853111 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C4853111 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4853111 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4853111 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4853111 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4853111 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI6C4853111
2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL
Fanout Buffer w/ 2 to 1 Differential Clock Input Mux
3
PS8805B
04/18/06
Absolute Maximum Ratings(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply voltage
Referenced to GND
4.6
V
VIN
Input voltage
Referenced to GND
-0.5
VCC+0.5V
V
IOUT
Surge Current
100
mA
TSTG
Storage temperature
-65
150
oC
VBB
Smk/source Current, IBB
-0.5
+0.5
mA
ӨjA
Package Thermal Resistance
86
˚C/Watt
ӨjC
Package Thermal Resistance
12.7
˚C/Watt
Note:
1. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These ratings are stress specifica-
tions only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Power Supply Voltage
3.0
3.6
V
VCCO
Output Power Supply Voltage
2.375
3.6
V
TA
Ambient Temperature
-40
85
oC
LVCMOS/LVTTL DC Characteristics (TA = -40oC to +85oC, VCC = 3.3V ±5%, VCCO = 2.5V ±5% to 3.3V ±10%)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
CLK_SEL
2
VCC+0.3
V
VIL
Input Low Voltage
CLK_SEL
-0.3
0.8
IIH
Input High Current
CLK_SEL
VIN = VCC = 3.6V
150
μA
IIL
Input Low Current
CLK_SEL
VIN = 0V, VCC = 3.6V
-5
μA
06-0052


Similar Part No. - PI6C4853111

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4853111FAE PERICOM-PI6C4853111FAE Datasheet
629Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4853111 PERICOM-PI6C4853111_13 Datasheet
629Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
More results

Similar Description - PI6C4853111

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4853111 PERICOM-PI6C4853111_13 Datasheet
629Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4911510 PERICOM-PI6C4911510 Datasheet
1Mb / 10P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
logo
Integrated Circuit Syst...
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com