Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY253 Datasheet(PDF) 1 Page - First Components International

Part # BY253
Description  3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BY253 Datasheet(HTML) 1 Page - First Components International

  BY253 Datasheet HTML 1Page - First Components International BY253 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n DIFFUSED JUNCTION
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
BY251 . . . 255 Series
Data Sheet
3.0 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Units
Volts
Volts
Volts
............................................. 3.0 ...............................................
............................................. 20 ...............................................
............................................. 100 ...............................................
............................................. 1.1 ...............................................
............................................. 20 ...............................................
............................................. 30 ...............................................
......................................... -50 to 150 ..........................................
Amps
Amps
Amps
Volts
µAmps
°C / W
°C
BY251
BY252
BY253
BY254
BY255
200
400
600
800
1300
140
280
420
560
910
200
400
600
800
1300
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n LOW COST
n HIGH CURRENT CAPABILITY
Page 9-14
Average Forward Rectified Current...I
F(av)
T
A = 50°C (Note 3)
Repetitive Peak Forward Surge Current...I
FM
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Forward Voltage @ 3.0A...V
F
DC Reverse Current...I
R
Typical Thermal Resistance...R
θJC (Note 2)
Operating & Storage Temperature Range...T
J, TSTRG
.285
.375
1.00 Min.
.050 typ.
.190
.210
JEDEC
D0-201AD


Similar Part No. - BY253

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY253 DIOTEC-BY253 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY253 TRSYS-BY253 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Similar Description - BY253

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
BY251 FCI-BY251_1 Datasheet
122Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
DIYI Electronic Technol...
1N5400 DYELEC-1N5400 Datasheet
596Kb / 2P
   3.0 AMP. Silicon Rectifiers Plastic
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
   1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR10A01 FCI-FR10A01 Datasheet
132Kb / 2P
   10 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com