Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2PCIE2422 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2422
Description  PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2422 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI2PCIE2422 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8871C
10/03/07
PI2PCIE2422
PCI Express Gen II Compliant, 8-Differential
Channel Switch with 8:4 Mux/DeMux Option
Storage Temperature ....................................................... –65°C to +150°C
Supply Voltage to Ground Potential................................... –0.5V to +2.5V
DC Input Voltage .................................................................. –0.5V to VCC
DC Output Current.......................................................................... 120mA
Power Dissipation .............................................................................. 0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C, VCC = 1.5V to 2.0V)
Paramenter
Description
Test Conditions
Min
Typ(1)
Max
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x VCC
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
0.35 x VCC
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±5
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
±5
RON
On Resistance
VCC = Min., VIN = 1.3V, IIN = 40mA
10
Ohm
CON(AB)
Capacitance on A/B, C/D
VIN = 0, VCC = 1.8V
3.0
pF
Note:
1.
Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
Dynamic Electrical Characteristics Over the Operating Range (TA= -40º to +85ºC, VCC = 1.8V±10%, GND=0V)
Parameter
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
XTALK
Crosstalk
See Fig. 1 for Measurement Setup, f = 3.00 GHz
f = 100 MHz
–35
–70
dB
OIRR
OFF Isolation
See Fig. 2 for Measurement Setup, f = 3.00 GHz
f = 100 MHz
–26
–60
ILOSS
Differential Inser-
tion Loss
f = 3 GHz
-3
BW
Bandwidth (-3dB)
3.4
GHz
Notes:
1.
Guaranteed by design. Typical values are at VCC = 1.8V, Ta = 25°C ambient and maximum loading.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
200
μA
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
07-0222


Similar Part No. - PI2PCIE2422

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2412ZHE PERICOM-PI2PCIE2412ZHE Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
   PCI Express 2.0, 2-lane Exchange Switch
PI2PCIE2442ZHEX PERICOM-PI2PCIE2442ZHEX Datasheet
950Kb / 8P
   PCI Express 2.0, 2-lane Exchange Switch
More results

Similar Description - PI2PCIE2422

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
   3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
   3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com