Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1362-BTTT-26 Datasheet(PDF) 4 Page - ams AG

Part # AS1362-BTTT-26
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1362-BTTT-26 Datasheet(HTML) 4 Page - ams AG

  AS1362-BTTT-26 Datasheet HTML 1Page - ams AG AS1362-BTTT-26 Datasheet HTML 2Page - ams AG AS1362-BTTT-26 Datasheet HTML 3Page - ams AG AS1362-BTTT-26 Datasheet HTML 4Page - ams AG AS1362-BTTT-26 Datasheet HTML 5Page - ams AG AS1362-BTTT-26 Datasheet HTML 6Page - ams AG AS1362-BTTT-26 Datasheet HTML 7Page - ams AG AS1362-BTTT-26 Datasheet HTML 8Page - ams AG AS1362-BTTT-26 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 13
AS1361/AS1362
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = VOUT +0.5V, CIN = 1µF, COUT = 1µF, CBYPASS = 10nF, TAMB = -40 to +85ºC (unless otherwise specified). Typ val-
ues are at TAMB = +25ºC. Limits 100% tested at +25ºC. Limits over operating temperature range guaranteed by design.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage Range
2
5.5
V
Output Voltage Accuracy
IOUT = 1mA, TAMB = +25ºC
-0.5
+0.5
%
IOUT = 100µA to 150mA, TAMB = +25ºC
(AS1361)
-0.75
+0.75
IOUT = 100µA to 300mA, TAMB = +25ºC
(AS1362)
-1.0
+1.0
IOUT = 100µA to 150mA, (AS1361)
-1.5
+1.5
IOUT = 100µA to 300mA, (AS1362)
-2.0
+2.0
IOUT
Maximum Output Current
AS1361
150
mA
AS1362
300
ILIMIT
Current Limit
AS1361, OUT = 90% of nom., TAMB = +25ºC
250
270
mA
AS1362, OUT = 90% of nom., TAMB = +25ºC
470
510
Dropout Voltage
1
1. Dropout is defined as VIN - VOUT when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
VOUT
≥ 3V, IOUT = 150mA
70
95
mV
VOUT
≥ 3V, IOUT = 300mA, (AS1362 only)
140
200
IQ
Quiescent Current
IOUT = 0.05mA
40
90
µA
VIN = VOUTNOM - 0.1V, IOUT = 0mA
150
250
VLNR
Line Regulation
VIN = (VOUT +0.5V) to 5.5V, IOUT = 0.1mA
0.02
%/V
VLDR
Load Regulation
IOUT = 1 to 150/300mA
0.0005
%/mA
ISHDNN
Shutdown Supply Current
SHDNN = 0V
9
500
nA
PSRR
Ripple Rejection
f = 1kHz, IOUT = 10mA
92
dB
f = 10kHz, IOUT = 10mA
80
f = 100kHz, IOUT = 10mA
62
Output Noise Voltage (RMS)
f = 100Hz to 100kHz,
ILOAD = 0 to 150/300mA
9µV
Shutdown
Shutdown Exit Delay
2
2. Time needed for VOUT to reach 90% of final value.
RLOAD = 50
Ω
300
µs
SHDNN Logic Low Level
VIN = 2 to 5.5V
0.4
V
SHDNN Logic High Level
VIN = 2 to 5.5V
1.5
V
Power-OK Output
VPOK
Power-OK Voltage Threshold
IOUT = 0, VOUTRISING
90
94
98
%
VOUT
Hysteresis, IOUT = 0
1.5
VOL
POK Output Voltage Low
ISINK = 1mA
0.3
V
POK Output Leakage Current
VOUT in regulation
1
µA
Thermal Protection
TSHDNM
Thermal Shutdown
Temperature
160
ºC
ΔTSHDN
M
Thermal Shutdown
Hysteresis
15
ºC


Similar Part No. - AS1362-BTTT-26

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1362-BTTT-26 AMSCO-AS1362-BTTT-26 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1362-BTTT-26

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com