Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM8128VMB-85 Datasheet(PDF) 8 Page - MOSAIC

Part # MSM8128VMB-85
Description  128K x 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

MSM8128VMB-85 Datasheet(HTML) 8 Page - MOSAIC

Back Button MSM8128VMB-85 Datasheet HTML 2Page - MOSAIC MSM8128VMB-85 Datasheet HTML 3Page - MOSAIC MSM8128VMB-85 Datasheet HTML 4Page - MOSAIC MSM8128VMB-85 Datasheet HTML 5Page - MOSAIC MSM8128VMB-85 Datasheet HTML 6Page - MOSAIC MSM8128VMB-85 Datasheet HTML 7Page - MOSAIC MSM8128VMB-85 Datasheet HTML 8Page - MOSAIC MSM8128VMB-85 Datasheet HTML 9Page - MOSAIC MSM8128VMB-85 Datasheet HTML 10Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MSM8128 - 70/85/10/12
Issue 4.5 : April 2001
&
Package Details
All dimensions in mm (inches).
0.51 (0.020)
2.54 (0.100)
3.18 (0.125)
0.41 (0.016)
2.67 (0.105)
41.02 (1.615)
40.26 (1.585)
2.67 (0.105)
4.00 (0.157)
3.00 (0.117)
1.54 (0.060)
1.02 (0.040)
2.41 (0.095)
32 pin 0.1" Vertical-in-Line (VILTM) - 'V' Package


Similar Part No. - MSM8128VMB-85

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM81C55-5GS OKI-MSM81C55-5GS Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
MSM81C55-5JS OKI-MSM81C55-5JS Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
MSM81C55-5RS OKI-MSM81C55-5RS Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
More results

Similar Description - MSM8128VMB-85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
AMIC Technology
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
   128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com