Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV008B-90RECB Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV008B-90RECB
Description  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B-90RECB Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV008B-90RECB Datasheet HTML 1Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 2Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 3Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 4Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 5Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 6Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 7Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 8Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Am29LV008T/Am29LV008B
5
PRELIMINARY
PIN CONFIGURATION
A0–A19
= 20 addresses
DQ0–DQ7
= 8 data inputs/outputs
CE
= Chip enable
OE
= Output enable
WE
= Write enable
RESET
= Hardware reset pin, active low
RY/BY
= Ready/Busy output
VCC
= Standard voltage range
(3.0 V to 3.6 V) for -90R
Extended voltage range
(2.7 to 3.6 V) for -100, -120, -150
VSS
= Device ground
NC
= Pin not connected internally
LOGIC SYMBOL
20
8
DQ0–DQ7
A0–A19
CE (E)
OE (G)
WE (W)
20511C-3
RESET
RY/BY


Similar Part No. - AM29LV008B-90RECB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120ECB AMD-AM29LV008BB-120ECB Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV008B-90RECB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV008B AMD-AM29LV008B_06 Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com