Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CPQ150PBF Datasheet(PDF) 5 Page - International Rectifier

Part # 80CPQ150PBF
Description  SCHOTTKY RECTIFIER 80 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80CPQ150PBF Datasheet(HTML) 5 Page - International Rectifier

  80CPQ150PBF Datasheet HTML 1Page - International Rectifier 80CPQ150PBF Datasheet HTML 2Page - International Rectifier 80CPQ150PBF Datasheet HTML 3Page - International Rectifier 80CPQ150PBF Datasheet HTML 4Page - International Rectifier 80CPQ150PBF Datasheet HTML 5Page - International Rectifier 80CPQ150PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
80CPQ150PbF
Bulletin PD-20812 rev. A 11/06
5
www.irf.com
Marking Information
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER
LOGO
PART NUMBER
YEAR 0 = 2000
P = LEAD-FREE
WEEK 35
LINE H
P035H
56
57
DATE CODE
80CPQ150
EXAMPLE:
IN ASSEMBLY LINE "H"
THIS IS A 80CPQ150
ASSEMBLED ON WW 35, 2000
WITH ASSEMBLY
LOT CODE 5657
Conform to JEDEC outline TO-247AC (TO-3P)
Dimensions in millimeters and (inches)
Outline Table


Similar Part No. - 80CPQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
More results

Similar Description - 80CPQ150PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST84120 MICROSEMI-FST84120 Datasheet
148Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
FST84100 MICROSEMI-FST84100 Datasheet
131Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
82CNQ030 IRF-82CNQ030 Datasheet
127Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
81CNQ IRF-81CNQ Datasheet
125Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
FST84180 MICROSEMI-FST84180 Datasheet
153Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
SBR8040 MICROSEMI-SBR8040 Datasheet
129Kb / 2P
   80 Amp Schottky Rectifier
FST8320 MICROSEMI-FST8320 Datasheet
150Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
SBR8060 MICROSEMI-SBR8060 Datasheet
124Kb / 2P
   80 Amp Schottky Rectifier
SBR8210 MICROSEMI-SBR8210_07 Datasheet
137Kb / 2P
   80 Amp Schottky Rectifier
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com