Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR75UB120 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 7MBR75UB120
Description  IGBT MODULE (U series) 1200V / 75A / PIM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7MBR75UB120 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  7MBR75UB120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7MBR75UB120 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7MBR75UB120 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7MBR75UB120 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7MBR75UB120 Datasheet HTML 5Page - List of Unclassifed Manufacturers 7MBR75UB120 Datasheet HTML 6Page - List of Unclassifed Manufacturers 7MBR75UB120 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IGBT Module
7MBR75UB120
Characteristics (Representative)
Vcc=600V, Ic=75A, Tj= 25°C
VGE=0V, f= 1MHz, Tj= 25°C
Capacitance vs. Collector-Emitter voltage (typ.)
Dynamic Gate charge (typ.)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 25°C / chip
Collector current vs. Collector-Emitter voltage (typ.)
VGE=15V / chip
Tj=25°C / chip
[ Inverter ]
[ Inverter ]
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
[ Inverter ]
[ Inverter ]
[ Inverter ]
[ Inverter ]
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 125°C / chip
0
20
40
60
80
100
120
012
345
Collector-Emitter voltage : VCE [V]
VGE=20V 15V
12V
10V
8V
0
20
40
60
80
100
120
01234
5
Collector-Emitter voltage : VCE [V]
VGE=20V 15V
12V
10V
8V
0
20
40
60
80
100
120
012
345
Collector-Emitter voltage : VCE [V]
Tj=125°C
Tj=25°C
0
2
4
6
8
10
5
101520
25
Gate - Emitter voltage : VGE [ V ]
Ic=100A
Ic=50A
Ic= 25A
0.1
1.0
10.0
0
102030
Collector-Emitter voltage : VCE [V]
Cies
Coes
Cres
0
50
100
150
200
250
300
Gate charge : Qg [ nC ]
0
VGE
VCE


Similar Part No. - 7MBR75UB120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR75U2B060 FUJI-7MBR75U2B060 Datasheet
197Kb / 7P
   IGBT MODULE (U series) 600V / 75A / PIM
7MBR75U4B120 FUJI-7MBR75U4B120 Datasheet
505Kb / 15P
   Power Integrated Module
More results

Similar Description - 7MBR75UB120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR75U2B060 FUJI-7MBR75U2B060 Datasheet
197Kb / 7P
   IGBT MODULE (U series) 600V / 75A / PIM
logo
MacMic
MMG75WD120XB6TC MACMIC-MMG75WD120XB6TC Datasheet
496Kb / 9P
   1200V 75A PIM Module
MMG75W120XB6TC MACMIC-MMG75W120XB6TC Datasheet
489Kb / 9P
   1200V 75A PIM Module
MMGT75WD120XB6C MACMIC-MMGT75WD120XB6C Datasheet
2Mb / 9P
   1200V 75A PIM Module
MMG75WD120XB6T4N MACMIC-MMG75WD120XB6T4N Datasheet
1Mb / 9P
   1200V 75A PIM Module
MMG75W120XB6TN MACMIC-MMG75W120XB6TN Datasheet
684Kb / 9P
   1200V 75A PIM Module
MMGT75W120XB6C MACMIC-MMGT75W120XB6C Datasheet
676Kb / 9P
   1200V 75A PIM Module
logo
Fuji Electric
7MBR50UB120 FUJI-7MBR50UB120 Datasheet
195Kb / 7P
   IGBT MODULE (U series) 1200V / 50A / PIM
7MBR35UB120 FUJI-7MBR35UB120 Datasheet
194Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
7MBR25UA120 FUJI-7MBR25UA120 Datasheet
188Kb / 7P
   IGBT MODULE (U series) 1200V / 25A / PIM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com