Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZE0J220MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UZE0J220MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UZE0J220MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UZE0J220MCL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
Z
2
E
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Capacitance tolerance (
±20%)
Rated Capacitance (10
µF)
Rated voltage (16V)
Series name
Type
Plastic platform
Series
Voltage (C : 16V)
Capacitance
Lot No.
0.3 MAX.
3.90
+0.05
–0.2
C
±0.2
0.5 ~ 0.8
ZE
series
3.95mmL MAX. Chip Type, Bi-polarized
Chip type with 3.95mmL MAX, height.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Eudurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 50V
0.1 ~ 47µF
±20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.05 CV or 10 (µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage
at 85°C with the polarity inverted every 250
hours, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Resistance to soldering
heat
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature,they meet the characteristic requirements
listed at right.
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
5
6.3
6.3
28
37
45
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
V
Code
4
6.3
6.3
17
33
41
4
5
6.3
6.3
12
23
37
49
5
5
6.3
12
16
27
4
5
5
6.3
8.4
16
18
29
4
4
4
4
4
5
5
6.3
1.0
2.0
2.8
4.0
8.4
13
17
20
Rated Ripple (mArms) at 85°C 120Hz
φD
A
B
C
E
4
1.8
4.3
4.3
1.0
5
2.1
5.3
5.3
1.3
6.3
2.4
6.6
6.6
2.2
(mm)
Cap. (µF)
Rated voltage (V)
tan
δ (MAX.)
6.3
0.30
10
0.24
16
0.20
25
0.18
35
0.16
50
0.16
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±30% of initial value
300% or less of initial specified value
Initial specified value or less
Rated
ripple
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.70
1.00
1.17
1.36
1.50
ZE
ZP
Smaller
Voltage
V
6.3
10
16
25
35
50
Code
j
A
C
E
V
H
Taping specifications are given in page 24.
Recommended land size are given in page 25.
Please contact us for the soldering by reflow.
Please refer to page 3 for the minimum order quantity.
Case size
φ D (mm)
CAT.8100V


Similar Part No. - UZE0J220MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UZE1C100MCL1GB NICHICON-UZE1C100MCL1GB Datasheet
38Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UZE0J220MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com