Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXP2K473KRP Datasheet(PDF) 1 Page - Nichicon corporation

Part # QXP2K473KRP
Description  PLASTIC FILM CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

QXP2K473KRP Datasheet(HTML) 1 Page - Nichicon corporation

  QXP2K473KRP Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
We can also custom-make.
250VDC (2E)
~ 10µF, 400VDC (2G) ~ 4.7µF, 630VDC (2J) ~ 3.3µF,800VDC (2K) ~ 1.5µF
Please contact us and let us know the specification you need.
PLASTIC FILM CAPACITORS
Ideal for high frequency applications due to a metallized polypropylene film dielectric which exhibits
superior operative characteristics with minimal loss at high frequency.
Self-healing electrode and non-inductive construction provide excellent characteristics in minimal
inductance having better with standing voltage capability.
Finished by inner dipping with liquid epoxy resin and outer coating with flame-retardant epoxy
resin, those double coating gives superior characteristics against moisture.
Adapted to the RoHS directive (2002/95/EC).
Application
High frequency circuit, general electronic circuit and etc.
AC voltage (Operating at 50 / 60Hz AC circuit) shall be as follows
However, do not use this product for across-the-line applications.
When used in high frequency circuit, refer to Table 2 and 4 for the values
of effective voltage, current and effective VA, shown in pages 287, 290.
XP
series (For High Frequency Applications)
Metallized Polypropylene Film Capacitor
Drawing
Specifications
Category Temperature Range
Rated Voltage (UR)
Rated Capacitance Range
Capacitance Tolerance
Dielectric Loss Tangent
Insulation Resistance
Withstand Voltage
Encapsulation
– 40 ~ +105˚C (Rated temperature : 85˚C)
250, 400, 630, 800VDC
0.01 ~ 3.3µF
± 5% (J), ± 10% (K)
0.1% or less (at 1kHz 20˚C)
C <
= 0.33µF : 30000 MΩ or more
C > 0.33µF : 10000
ΩF or more
Between Terminals
: Rated Voltage
× 175%, 1 ~ 5 secs.
Between Terminals and Coverage
: Rated Voltage
× 200%, 1 ~ 5 secs.
Flame retardant epoxy resin
Performance Characteristics
Item
Q
1
X
2
P
3
2
4
J
5
1
6
0
7
3
8
K
9
R
10
P
11
T
12
Configuration (RP : Polypropylene, Tinned CP wire)
AC usage applicable
Straight lead type : T
AC usage applicable
Cut / formed lead type :
Capacitance tolerance (J :
±5% K : ±10%)
Rated Capacitance (0.01
µF)
Rated voltage (630V)
Series name
Type
F size
12.5
17.5
22.5
Code
7FL
7FP
7FT
27.5
7FX
Straight lead type.
Cut / formed lead type.
W MAX
P
±1.5
1.5 MAX
25 MIN
H+1.0MAX
φd ± 0.05
T MAX
W MAX
T MAX
F
±1.5
φd ± 0.05
4.5
±0.5
5 MAX
H+1.0MAX
Type numbering system (Example : 630V 0.01µF)
AC Voltage
Category voltage = UR
× 0.7
DC Rated Voltage
AC Voltage
250VDC
125VAC
400VDC
160VAC
630VDC
200VAC
800VDC
250VAC
Dimensions
Unit : mm
F : lead pitch for cut / formed lead wires
V (Code)
Cap.(µF)
Size
TW
H
d
P
F
0.01
103
0.015
153
0.022
223
0.033
333
0.047
473
5.6 16.0
9.6
0.6
12.5 12.5
0.068
683
6.1 16.0 10.2
0.6
12.5 12.5
0.1
104
6.8 16.0 10.9
0.6
12.5 12.5
0.15
154
7.7 16.0 11.8
0.6
12.5 12.5
0.22
224
7.4 21.0 11.4
0.6
17.5 17.5
0.33
334
8.5 21.0 12.6
0.6
17.5 17.5
0.47
474
9.4 21.0 14.1
0.6
17.5 17.5
0.68
684
10.3 21.0 16.5
0.6
17.5 17.5
1.0
105
9.9 26.5 18.2
0.8
22.5 22.5
1.5
155
11.8 26.5 20.2
0.8
22.5 22.5
2.2
225
12.6 31.5 20.9
0.8
27.5 27.5
3.3
335
14.5 31.5 24.4
0.8
27.5 27.5
400VDC (2G)
TW
H
d
P
F
5.8 16.0
9.4
0.6
12.5 12.5
6.5 16.0 10.6
0.6
12.5 12.5
7.2 16.0 11.3
0.6
12.5 12.5
8.2 16.0 12.3
0.6
12.5 12.5
7.6 21.0 11.7
0.6
17.5 17.5
8.6 21.0 13.3
0.6
17.5 17.5
9.2 21.0 15.5
0.6
17.5 17.5
11.1 21.0 17.3
0.6
17.5 17.5
10.4 26.5 18.7
0.8
22.5 22.5
12.3 26.5 20.6
0.8
22.5 22.5
13.0 31.5 21.3
0.8
27.5 27.5
14.9 31.5 24.9
0.8
27.5 27.5
630VDC (2J)
TW
H
d
P
F
5.5 16.0
9.6
0.6
12.5 12.5
6.1 16.0 10.1
0.6
12.5 12.5
6.8 16.0 10.8
0.6
12.5 12.5
7.5 16.0 11.2
0.6
12.5 12.5
6.7 21.0 11.4
0.6
17.5 17.5
7.1 21.0 13.4
0.6
17.5 17.5
8.2 21.0 14.4
0.6
17.5 17.5
9.6 21.0 15.9
0.6
17.5 17.5
9.0 26.5 17.3
0.8
22.5 22.5
10.7 26.5 19.1
0.8
22.5 22.5
11.1 31.5 19.4
0.8
27.5 27.5
13.2 31.5 21.5
0.8
27.5 27.5
800VDC (2K)
TW
H
d
P
F
6.2 16.0 10.3
0.6
12.5 12.5
7.0 16.0 11.1
0.6
12.5 12.5
8.0 16.0 12.1
0.6
12.5 12.5
7.1 21.0 11.8
0.6
17.5 17.5
7.5 21.0 13.8
0.6
17.5 17.5
8.7 21.0 14.9
0.6
17.5 17.5
9.6 21.0 17.5
0.6
17.5 17.5
9.6 26.5 18.0
0.8
22.5 22.5
11.5 26.5 19.8
0.8
22.5 22.5
12.1 31.5 20.5
0.8
27.5 27.5
13.7 31.5 23.7
0.8
27.5 27.5
Code
250VDC (2E)


Similar Description - QXP2K473KRP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com