Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-9302B-XS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # PT-9302B-XS
Description  3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PT-9302B-XS Datasheet(HTML) 1 Page - Optoway Technology Inc

  PT-9302B-XS Datasheet HTML 1Page - Optoway Technology Inc PT-9302B-XS Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
PT-9330 SERIES
*******************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2002
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
PT-9330
InGaAs PIN-TIA WITH PIGTAIL
*******************************************************************************************************************************************************
FEATURES
! InGaAs/InP PIN Photodiode with AGC transimpedance amplifier
! Differential ended output
! Single +3.3 V operation
! Speed up to 2.5 Gbps
! - 40 ~ +85 ºC operation temperature
DESCRIPTION
PT-9330 series are designed as optical signal receivers with AGC transimpedance amplifier.
Their
wide dynamic ranges, differential outputs are suited for telecommunications, especially Gigabit
Ethernet, Fiber Channel and SONET OC-48.
AC / ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Dectection Range
1100
1310
1650
nm
G
Differential Gain
AC coupled, Load=50
2
2.5
3
V/mW
BW
Bandwidth
-3 dB point
1.5
2
GHz
Psat
Saturation Power
λ=1300nm
-3
dBm
Sens
Sensitivity
BER=10
-10 @2.5 Gb/s
-21
-19
dBm
Rout
Output Resistance
-
50
65
ohm
Operation Speed
2500
Mbps
DC / ELECTRICAL CHARACTERISTICS (Tc=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Power Supply
3.15
3.3
3.45
V
Icc
Supply Current (no load)
-
40
60
mA
ABSOLUTE MAXIMUM RATING
(Tc=25 ºC)
Symbol Parameter
Value
Unit
V
Voltage
4.5
V
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - PT-9302B-XS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-9302B-XS OPTOWAY-PT-9302B-XS Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
More results

Similar Description - PT-9302B-XS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-5130 OPTOWAY-PT-5130 Datasheet
90Kb / 2P
   3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-37130 OPTOWAY-PT-37130 Datasheet
92Kb / 2P
   3.3V / 1.31 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-57130 OPTOWAY-PT-57130 Datasheet
92Kb / 2P
   3.3V / 1.55 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-5530 OPTOWAY-PT-5530 Datasheet
108Kb / 2P
   3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com