Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD41R Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # SD41R
Description  SCHOTTKY DIODES STUD TYPE 30 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

SD41R Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  SD41R Datasheet HTML 1Page - TRANSYS Electronics Limited SD41R Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2- Forward Derating Curve
0
180
30
60
90
120
0
10
150
Instantaneous Forward Voltage - Volts
Figure .1-Typical Forward Characteristics
Volts
1
100
4
0
100
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
Reverse Voltage - Volts
Figure .4-Typical Reverse Characteristics
Volts
4.0
6.0
20.0
10.0
50
10
20
30
40
.01
.02
.04
.06
0.1
0.2
0.4
0.6
1.0
2.0
40.0
60.0
100.0
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
15
25
5
.001
.002
.004
.006
0
20
30
SD41(R) THRU SD4145(R)
1.0
10
2.0
20
4.0
6.0
40
60
100
125 C
25 C
T
J =25
Tj =125 C
T
J =75
Tj =175 C
.3-
8.3ms Single Half
Sine Wave
JEDEC method T
J =25
Single Phase, Half Wave
60Hz Resistive or Inductive Load


Similar Part No. - SD41R

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
SD41R NAINA-SD41R Datasheet
121Kb / 2P
   Schottky Power Diode, 30A
logo
GeneSiC Semiconductor, ...
SD41R GENESIC-SD41R Datasheet
784Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - SD41R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD51 TEL-SD51 Datasheet
117Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
MBR6020 TEL-MBR6020 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 50 A
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 40 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
   SCHOTTKY DIODES STUD TYPE 75 A
1N5829 TEL-1N5829 Datasheet
141Kb / 2P
   SCHOTTKY DIODES STUD TYPE 25 A
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 80 A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com