Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-1300-XT Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # PD-1300-XT
Description  InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-1300-XT Datasheet(HTML) 1 Page - Optoway Technology Inc

  PD-1300-XT Datasheet HTML 1Page - Optoway Technology Inc PD-1300-XT Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
PD-1300
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/3/2002 V1.0
InGaAs PIN PD MODULES
PD-1300
InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
****************************************************************************************************************************************************************
FEATURES
² High responsivity for dual windows at 1310 nm and 1550 nm
² Low dark current
² Quick pulse response
² Coaxial Module with GI-50 (50/125
µm) Multi-Mode Fiber
APPLICATION
SDH, ATM, LAN
DESCRIPTION
PD-1300 is designed for coupling a GI-50 multi-mode fiber with high reliable InGaAs PIN photodiodes.
PD-1300 is specially designed as detector for Datacom and Telecom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Detection Range
λ
1100
-
1650
nm
R
Responsivity
VR=5V, λ=1300nm
λ=1550nm
0.8
0.8
0.85
0.90
-
A/W
Idark
Dark Current
VR=5V
0.3
0.7
nA
C
Capacitance
VR=5V
0.7
1.0
pF
Tr/Tf
Rise/Fall Time
VR=5V, 10~90%
0.3
ns
BW
Bandwidth
VR=5V
2
GHz
Absolute Maximum Ratings
(Tc=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
10
mW
VRD
PD Reverse Voltage
20
V
IFD
PD Forward Current
10
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - PD-1300-XT

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-1300-XT OPTOWAY-PD-1300-XT Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
More results

Similar Description - PD-1300-XT

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1320 OPTOWAY-PD-1320 Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
   Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
logo
Source Photonics, Inc.
R-11-075-R-SFC SOURCE-R-11-075-R-SFC Datasheet
336Kb / 4P
   InGaAs PIN Photodiode Modules
logo
List of Unclassifed Man...
R-11-055 ETC2-R-11-055 Datasheet
330Kb / 4P
   InGaAs PIN Photodiode Modules
logo
Source Photonics, Inc.
PDR-C3-ASSTAN SOURCE-PDR-C3-ASSTAN Datasheet
473Kb / 3P
   InGaAs PIN Photodiode Modules
R-11-300-P-SFC SOURCE-R-11-300-P-SFC Datasheet
464Kb / 4P
   InGaAs PIN Photodiode Modules
logo
OPLINK Communications I...
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com