Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPW0J561MRD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UPW0J561MRD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPW0J561MRD Datasheet(HTML) 3 Page - Nichicon corporation

  UPW0J561MRD Datasheet HTML 1Page - Nichicon corporation UPW0J561MRD Datasheet HTML 2Page - Nichicon corporation UPW0J561MRD Datasheet HTML 3Page - Nichicon corporation UPW0J561MRD Datasheet HTML 4Page - Nichicon corporation UPW0J561MRD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
00004.7
00010
00015
00022
00027
00033
00039
00047
00056
00082
00100
00120
00150
00180
00220
00330
00470
00560
00680
00820
01000
01200
01500
01800
02200
02700
03300
03900
04700
05600
06800
08200
10000
4R7
100
150
220
270
330
390
470
560
820
101
121
151
181
221
331
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
5
× 11
4
× 7
5
× 11
5
× 7
5
× 7
5
× 11
6.3
× 7
4
× 11
5
× 11
5
× 11
6.3
× 7
5
× 15
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
8
× 11.5
8
× 11.5
10
× 12.5
8
× 15
10
× 16
8
× 20
10
× 20
10
× 20
10
× 25
12.5
× 20
10
× 31.5
12.5
× 25
12.5
× 31.5
16
× 20
16
× 25
12.5
× 35.5
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
18
× 35.5
18
× 35.5
18
× 40
0.60
2.00
0.60
0.95
0.95
0.60
0.45
1.30
0.60
0.60
0.45
0.50
0.25
0.25
0.25
0.23
0.117
0.117
0.090
0.085
0.068
0.065
0.052
0.052
0.045
0.038
0.035
0.030
0.025
0.029
0.022
0.022
0.022
0.028
0.018
0.020
0.016
0.016
0.015
0.015
0.014
1.20
5.00
1.20
2.40
2.40
1.20
1.20
2.60
1.20
1.20
1.20
1.00
0.50
0.50
0.50
0.46
0.234
0.234
0.18
0.17
0.136
0.13
0.104
0.104
0.090
0.076
0.070
0.060
0.050
0.058
0.044
0.044
0.044
0.056
0.036
0.040
0.032
0.032
0.030
0.030
0.028
180
65
180
120
120
180
200
120
180
180
200
235
290
290
290
430
555
555
760
730
1050
995
1220
1220
1440
1655
1815
1945
2310
2210
2555
2510
2560
2490
3010
2740
3150
3635
3680
3680
3800
5
× 11
5
× 11
4
× 7
5
× 11
5
× 7
4
× 11
5
× 11
5
× 11
6.3
× 7
5
× 11
5
× 15
6.3
× 11
6.3
× 11
6.3
× 15
8
× 11.5
8
× 11.5
10
× 12.5
8
× 15
10
× 16
8
× 20
10
× 20
10
× 20
10
× 25
12.5
× 20
10
× 31.5
16
× 25
12.5
× 25
12.5
× 31.5
16
× 20
16
× 25
18
× 20
12.5
× 35.5
16
× 25
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
18
× 35.5
18
× 40
0.60
0.60
2.00
0.60
0.95
1.30
0.60
0.60
0.45
0.60
0.50
0.25
0.25
0.23
0.117
0.117
0.090
0.085
0.068
0.065
0.052
0.052
0.045
0.038
0.035
0.022
0.030
0.025
0.029
0.022
0.028
0.022
0.022
0.018
0.020
0.016
0.016
0.015
0.014
1.20
1.20
5.00
1.20
2.40
2.60
1.20
1.20
1.20
1.20
1.00
0.50
0.50
0.46
0.234
0.234
0.18
0.17
0.136
0.13
0.104
0.104
0.090
0.076
0.070
0.044
0.060
0.050
0.058
0.044
0.056
0.044
0.044
0.036
0.040
0.032
0.032
0.030
0.028
180
180
65
180
120
120
180
180
200
180
235
290
290
430
555
555
760
730
1050
995
1220
1220
1440
1660
1815
2555
1950
2310
2210
2555
2490
2510
2555
3010
2740
3150
3635
3680
3800
16 (1C)
20˚C / 100kHz
– 10˚C / 100kHz
25 (1E)
20˚C / 100kHz
– 10˚C / 100kHz
V(Code)
Item
Code
Cap. (µF)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
Rated ripple
(mArms)
105˚C / 100kHz
Impedance (
Ω) MAX.
PW
series
Standard ratings
: In this case,
will be put at 12th digit of type numbering system.
6
: In this case,
will be put at 12th digit of type numbering system.
3
CAT.8100V


Similar Part No. - UPW0J561MRD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPW0J561MPD NICHICON-UPW0J561MPD Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPW0J561MRD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com