Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URZ2C330MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # URZ2C330MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

URZ2C330MPD Datasheet(HTML) 2 Page - Nichicon corporation

  URZ2C330MPD Datasheet HTML 1Page - Nichicon corporation URZ2C330MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
RZ
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
0J
6.3
1H
50
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
6.3
× 9
8
× 9
10
× 9
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 20
25
40
55
90
145
180
235
370
635
860
1010
1200
1450
1V
35
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
8
× 9
10
× 9
10
× 12.5
12.5
× 12.5
16
× 15
18
× 20
20
× 25
25
40
60
75
95
155
235
340
420
720
1110
1430
1.1
2.3
3.5
5
12
18
25
30
46
65
85
100
170
290
370
540
830
1250
1E
25
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9...
10
× 9..
10
× 9..
...10
× 12.5
12.5
× 15...
18
× 15
18
× 20
18
× 25
20
35
55
70
80
130
220
270
370
590
970
1220
1470
1C
16
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9...
8
× 9..
10
× 9..
10
× 9..
.12.5
× 12.5.
16
× 15
18
× 15
18
× 20
18
× 25
30
50
60
70
115
205
240
290
520
830
1050
1260
1560
1A
10
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
8
× 9
8
× 9
10
× 12.5
12.5
× 15
16
× 15
18
× 15
18
× 20
18
× 25
40
55
65
95
155
210
275
450
690
940
1120
1330
1700
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
6.3
× 9
10
× 9
10
× 12.5
12.5
× 12.5
16
× 15
18
× 20
20
× 25
Case size
φ D × L (mm)
100 ~ 470
100 ~ 470
1000 ~00000
010 ~ 220
6.3 ~ 100
V
160 ~ 400
50Hz
120Hz
300Hz
1 kHz
10kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
V
Code
Cap.(µF)
Rated Ripple (mArms) at 105˚C 120Hz
Size
φ 16
× 20 is available for capacitors marked " "
Size
φ 20
× 15 is available for capacitors marked " ∆ "
Size
φ 20
× 20 is available for capacitors marked " "
In this case, 6 will be put at 12th digit of
type numbering system.
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
Rated
ripple
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
68
100
150
220
330
470
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
680
101
151
221
331
471
2C
160
16
× 15
18 × 15
∆ 18
× 20
18
× 25
.20
× 25
300
350
420
510
550
2G
400
16
× 15
18 × 15
18
× 20
18
× 25
20
× 25
Case size
φ D × L (mm)
100
200
250
300
350
2E
250
.16
× 15
18 × 15
.∆ 18
× 20
.18
× 20
.18
× 25
200
250
300
350
420
2D
200
.16
× 15
18 × 15
∆ 18
× 20
18
× 25
.18
× 25
250
300
350
420
510
Rated
ripple
V
Code
Cap.(µF)
2A
100
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
6.3
× 9
8
× 9
10
× 9
10
× 12.5
12.5
× 15
16
× 15
18
× 15
1.2
3
4.5
6.5
12
17
25
32
50
93
130
165
265
440
540
1J
63
5
× 9.51
6.3
× 9.51
8
× 9.51
8
× 9.51
10
× 9.51
12.5
× 12.5
12.5
× 15.5
16
× 15.5
42
71
100
120
215
335
510
640
Wider range of rating.


Similar Part No. - URZ2C330MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
URZ2D101MRD6 NICHICON-URZ2D101MRD6 Datasheet
54Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
URZ2G100MHD NICHICON-URZ2G100MHD Datasheet
878Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - URZ2C330MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com