Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URY1J472MRD Datasheet(PDF) 2 Page - Nichicon corporation

Part # URY1J472MRD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

URY1J472MRD Datasheet(HTML) 2 Page - Nichicon corporation

  URY1J472MRD Datasheet HTML 1Page - Nichicon corporation URY1J472MRD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
330
470
680
1000
2200
3300
4700
331
471
681
102
222
332
472
0J
6.3
1H
50
12.5
× 12.5
18
× 12.5
25
× 12.5
580
730
1200
1V
35
12.5
× 12.5
18
× 12.5
22
× 12.5
420
610
810
450
540
700
Rated
ripple
1E
25
12.5
× 12.5
18
× 12.5
25
× 12.5
500
770
1170
1C
16
12.5
× 12.5
25
× 12.5
520
1000
1A
10
18
× 12.5
22
× 12.5
820
1030
12.5
× 12.5
20
× 12.5
25
× 12.5
Case size
φ D × L (mm)
6.8
10
22
33
6R8
100
220
330
2V
350
16
× 12.5
18
× 12.5
25
× 12.5
75
90
140
2W
450
12.5
× 12.5
16
× 12.5
25
× 12.5
38
47
85
2G
400
16
× 12.5
20
× 12.5
25
× 12.5
65
150
200
10
22
33
47
68
100
220
330
470
100
220
330
470
680
101
221
331
471
1J
63
2F
315
12.5
× 12.5
18
× 12.5
22
× 12.5
400
550
610
2E
250
16
× 12.5
18
× 12.5
22
× 12.5
130
170
190
70
85
120
160
2D
200
12.5
× 12.5
16
× 12.5
18
× 12.5
25
× 12.5
110
170
230
310
2C
160
12.5
× 12.5
16
× 12.5
20
× 12.5
25
× 12.5
130
210
280
360
2A
100
12.5
× 12.5
22
× 12.5
230
400
12.5
× 12.5
16
× 12.5
20
× 12.5
25
× 12.5
Rated Ripple (mArms) at 105°C 120Hz
RY
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
V
Code
Code
Code
Cap.(µF)
V
Cap.(µF)
V
Cap.(µF)
Cap.(µF)
100 ~ 680
1000 ~ 4700
6.8 ~ 100
6.3 ~ 100
V
160 ~ 450
50Hz
120Hz
300Hz
1 kHz
10 kHz ~
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
Frequency
Frequency coefficient of rated ripple current
CAT.8100V


Similar Part No. - URY1J472MRD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
URY2A101MHD NICHICON-URY2A101MHD Datasheet
55Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
URYB1313C ETC1-URYB1313C Datasheet
1Mb / 17P
   TOP VIEW TYPE TRI-COLOR
URYB1313F ETC1-URYB1313F Datasheet
1Mb / 17P
   RIGHT ANGLE TYPE TRI-COLOR
URYB1314C ETC1-URYB1314C Datasheet
1Mb / 17P
   TOP VIEW TYPE TRI-COLOR
logo
Unisonic Technologies
URYD21 UTC-URYD21 Datasheet
151Kb / 4P
   300mA BI-DIRECTION RELAY DRIVER
More results

Similar Description - URY1J472MRD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com