Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158DV30LL-70ZSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62158DV30LL-70ZSXI
Description  8-Mbit (1024K x 8) MoBL Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158DV30LL-70ZSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62158DV30LL-70ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY62158DV30
MoBL
Document #: 38-05391 Rev. *D
Page 3 of 11
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ..................................–65°C to +150°C
Ambient Temperature with
Power Applied...............................................55°C to +125°C
Supply Voltage to Ground Potential .–0.3V to Vcc(max) + 0.3V
DC Voltage Applied to Outputs
in High-Z State[5, 6]......................... –0.3V to VCC(max) + 0.3V
DC Input Voltage[5, 6] ..................... –0.3V to VCC(max) + 0.3V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Product
Range
Ambient
Temperature
(TA)
VCC[7]
CY62158DV30L
Industrial –40°C to +85°C 2.2V – 3.6V
CY62158DV30LL
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2(µA)
f = 1 MHz
f = fmax
Min.
Typ.[8]
Max.
Typ.[8]
Max.
Typ.[8]
Max.
Typ.[8]
Max.
CY62158DV30L
2.2
3.0
3.6
45,55,70
1.5
3
12
20
2
20
CY62158DV30LL
2.2
3.0
3.6
45,55,70
1.5
3
12
15
2
8
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62158DV30
Unit
Min. Typ.[8]
Max.
VOH
Output HIGH Voltage
IOH = –0.1 mA
VCC = 2.20V
2.0
V
IOH = –1.0 mA
VCC = 2.70V
2.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
VCC = 2.20V
0.4
V
IOL = 2.1mA
VCC = 2.70V
0.4
V
VIH
Input HIGH Voltage
VCC = 2.2V to 2.7V
1.8
VCC + 0.3V
V
VCC= 2.7V to 3.6V
2.2
VCC + 0.3V
V
VIIL
Input LOW Voltage
VCC = 2.2V to 2.7V
–0.3
0.6
V
VCC= 2.7V to 3.6V
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
VCC = VCCmax
IOUT = 0 mA
CMOS levels
L12
20
mA
LL
15
mA
f = 1 MHz
L
1.5
3
mA
LL
3
mA
ISB1
Automatic CE
Power-down Current —
CMOS Inputs
CE1 > VCC− 0.2V, CE2 < 0.2V
VIN > VCC – 0.2V, VIN < 0.2V)
f = fMAX (Address and Data Only),
f = 0 (OE, and WE), VCC = 3.60V
L2
20
µA
LL
2
8
ISB2
Automatic CE
Power-down Current —
CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = 3.60V
L2
20
µA
LL
2
8
Notes:
5. VIL(min.) = –2.0V for pulse durations less than 20 ns.
6. VIH(max)= VCC+0.75V for pulse duration less than 20ns.
7. Full device AC operation assumes a 100
µs ramp time from 0 to Vcc(min) and 200 µs wait time after Vcc stabilization.
8. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
[+] Feedback
[+] Feedback


Similar Part No. - CY62158DV30LL-70ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158CV25 CYPRESS-CY62158CV25 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV25LL-70BAI CYPRESS-CY62158CV25LL-70BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30LL-55BAI CYPRESS-CY62158CV30LL-55BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30LL-70BAI CYPRESS-CY62158CV30LL-70BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
More results

Similar Description - CY62158DV30LL-70ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_11 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com