Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UST1V101MDD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UST1V101MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UST1V101MDD Datasheet(HTML) 1 Page - Nichicon corporation

  UST1V101MDD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
2
3
16
2
4
10
2
5
6.3
3
6
ST
φD
P
φd
4
1.5
0.45
5
2.0
0.45
6.3
2.5
0.45
8
3.5
0.5
L+1MAX
15MIN
4MIN
φd
Sleeve (P.E.T.)
(mm)
ALUMINUM ELECTROLYTIC CAPACITORS
ST
series
7mmL, Wide Temperature Range
Wide temperature range of 55 ~
+105˚C, with 7mm height.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 10V 33
µF)
U
1
S
2
T
3
1
4
A
5
3
6
3
7
0
8
M
9
D
10
D
11
Configuration
Capacitance tolerance (
±20%)
Rated Capacitance (33
µF)
Rated voltage (10V)
Series name
Type
φ D
4 ~ 8
Pb-free leadwire
Pb-free PET sleeve
DD
Configuration
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~
+105˚C
6.3 ~ 50V
0.1 ~ 220µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20
˚C
Measurement frequency : 120 Hz
After 1000 hours' application of rated
voltage at 105˚C, capacitors meet the
characteristic requirement listed at right.
After storing the capacitors under no load at 105˚C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage
(V)
tan
δ (MAX.)
Z– 25˚C / Z
+20˚C
Z– 40˚C / Z
+20˚C
Rated voltage
(V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
0.24
10
0.21
16
0.18
25
0.15
35
0.13
50
0.12
35
2
3
50
2
3
Dimensions
Rated Ripple (mArms) at 105˚C 120Hz
SA
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
4
× 7
5
× 7
5
× 7
6.3
× 7
8
× 7
34
42
50
77
130
0J
V
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
5
× 7
5
× 7
6.3
× 7
8
× 7
8
× 7
4
× 7
5
× 7
6.3
× 7
6.3
× 7
8
× 7
5
× 7
6.3
× 7
6.3
× 7
8
× 7
4
× 7
5
× 7
6.3
× 7
8
× 7
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
5
× 7
6.3
× 7
8
× 7
38
47
59
96
140
29
44
57
68
107
33
51
63
78
24
36
57
72
1.0
2.3
3.5
5.0
10
19
24
29
44
65
Case size
φD×L (mm)
Rated
ripple
Cap.(
µF)
Code
High
Te m p e rature
Leakage current
tan
δ
Capacitance change
Within ±25% of initial value (16Vor less)
Within ±20% of initial value (25Vor more)
200% or less of initial specified value
Initial specified value or less
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.70
1.00
1.17
1.36
1.50
CAT.8100V


Similar Part No. - UST1V101MDD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
   SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206 Datasheet
310Kb / 4P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_16 Datasheet
280Kb / 3P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_18 Datasheet
310Kb / 4P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
More results

Similar Description - UST1V101MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com