Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158DV30L-55ZXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62158DV30L-55ZXI
Description  8-Mbit (1024K x 8) MoBL Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158DV30L-55ZXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62158DV30L-55ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62158DV30L-55ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62158DV30
MoBL
Document #: 38-05391 Rev. *D
Page 5 of 11
Data Retention Waveform
Switching Characteristics Over the Operating Range [13]
Parameter
Description
45 ns [11]
55 ns
70 ns
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
45
55
70
ns
tAA
Address to Data Valid
45
55
70
ns
tOHA
Data Hold from Address Change
10
10
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
45
55
70
ns
tDOE
OE LOW to Data Valid
25
25
35
ns
tLZOE
OE LOW to Low Z[14]
5
5
5
ns
tHZOE
OE HIGH to High Z[14, 15]
15
20
25
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z[14]
10
10
10
ns
tHZCE
CE1 HIGH or CE2 LOW to High Z[14, 15]
20
20
25
ns
tPU
CE1 LOW and CE2 HIGH to Power-Up
0
0
10
ns
tPD
CE1 HIGH or CE2 LOW to Power-Down
45
55
25
ns
Write Cycle[16]
tWC
Write Cycle Time
45
55
70
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
40
40
60
ns
tAW
Address Set-Up to Write End
40
40
60
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
35
40
45
ns
tSD
Data Set-Up to Write End
25
25
30
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High Z[14, 15]
15
20
25
ns
tLZWE
WE HIGH to Low Z[14]
10
10
10
ns
Notes:
13. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3ns or less (1V/ns), timing reference levels of VCC(typ.)/2, input
pulse levels of 0 to VCC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section.
14. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
15. tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
16. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates the write.
VCC(min)
VCC(min)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE1
VCC
CE2
or
[+] Feedback
[+] Feedback


Similar Part No. - CY62158DV30L-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158CV25 CYPRESS-CY62158CV25 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV25LL-70BAI CYPRESS-CY62158CV25LL-70BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30LL-55BAI CYPRESS-CY62158CV30LL-55BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30LL-70BAI CYPRESS-CY62158CV30LL-70BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
More results

Similar Description - CY62158DV30L-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_11 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com