Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8671X Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8671X
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8671X Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8671X Datasheet HTML 1Page - Maxim Integrated Products MAX8671X Datasheet HTML 2Page - Maxim Integrated Products MAX8671X Datasheet HTML 3Page - Maxim Integrated Products MAX8671X Datasheet HTML 4Page - Maxim Integrated Products MAX8671X Datasheet HTML 5Page - Maxim Integrated Products MAX8671X Datasheet HTML 6Page - Maxim Integrated Products MAX8671X Datasheet HTML 7Page - Maxim Integrated Products MAX8671X Datasheet HTML 8Page - Maxim Integrated Products MAX8671X Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Starting DC when no USB present
1.0
ms
DC-to-SYS Soft-Start Time
tSS-D-S
Starting DC with USB present
35
µs
DC Thermal-Limit Temperature
Die temperature at which current limit is
reduced
+100
°C
DC Thermal-Limit Gain
Amount of input current reduction above
thermal-limit temperature
5%/°C
USB POWER INPUT (VUSB = 5.0V, EN = low)
Operating voltage
4.1
6.6
USB Voltage Range
VUSB
Withstand voltage
0
14
V
SYS Regulation Voltage
VSYS_REG
VUSB = 6V, USUS = low, CEN = high,
system current is less than the input current
limit
5.2
5.3
5.4
V
USB Undervoltage Threshold
VUSBL
VUSB rising, 500mV hysteresis
3.95
4.0
4.05
V
USB Overvoltage Threshold
VUSBH
VUSB rising, 400mV hysteresis
6.8
6.9
7.0
V
PEN2 = low,
USUS = low
90
95
100
USB Current Limit
IUSBLIM
VUSB = 6V, VSYS = 5V, DC
unconnected, CEN = low,
TA = +25°C,
IVL = 0A (Note 3)
PEN2 = high,
USUS = low
450
475
500
mA
USUS = high
0.11
USUS = low, CEN = low;
ISYS = 0mA, IBAT = 0mA, VL no load
1.1
2.0
USB Quiescent Current
IUSBIQ
USUS = low, CEN = high;
ISYS = 0mA, VL no load
0.7
1.3
mA
Minimum USB-to-BAT Voltage
Headroom
VUSB falling, 200mV hysteresis
0
15
30
mV
Minimum USB-to-SYS Voltage
Headroom
VUSB falling, 200mV hysteresis
0
15
30
mV
USB-to-SYS Dropout Resistance
RUS
VUSB = 5V, ISYS = 400mA, USUS = low
0.325
0.600
Ω
USB-to-SYS Soft-Start Time
tSS-U-S
1.0
ms
USB Thermal-Limit Temperature
Die temperature at which current limit is
reduced
100
°C
USB Thermal-Limit Gain
Amount of input current reduction above
thermal-limit temperature
5%/°C
SYSTEM (VDC = 5.0V, EN = low)
System Operating Voltage Range
VSYS
2.6
5.5
V
System Undervoltage Threshold
VUVLO_SYS SYS falling, 100mV hysteresis
2.45
2.50
2.55
V
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)


Similar Part No. - MAX8671X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X Datasheet
829Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671XETL++ MAXIM-MAX8671XETL+ Datasheet
829Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
More results

Similar Description - MAX8671X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8819A MAXIM-MAX8819A Datasheet
452Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
   Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Maxim Integrated Produc...
MAX77301 MAXIM-MAX77301 Datasheet
638Kb / 1P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
logo
Analog Devices
AD6528 AD-AD6528_15 Datasheet
163Kb / 1P
   For Smartphone and Wireless Handheld Devices
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com