Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4670ETJ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4670ETJ
Description  Integrated T1/E1/J1 Short-Haul and Long-Haul Protection Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4670ETJ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4670ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX4670ETJ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Detailed Description
The MAX4670 is a quad-DPDT/octal-SPDT analog switch
optimized for T1/E1/J1 line-card redundancy protection
applications. This analog switch is configurable as two
differential transmitter and receiver pairs utilized in
T1/E1/J1 redundancy architecture.
The MAX4670 has four low 0.7
Ω on-resistance switches
with 60pF and 40pF on- and off-capacitances, respec-
tively, for interfacing to the LIU transmitter inputs. The
MAX4670 also includes four 5
Ω on-resistance switches
with low 24pF and 12pF on- and off-capacitances,
respectively, for interfacing to the LIU receiver inputs.
The MAX4670 replaces two diode arrays or two tran-
sient voltage suppressors and four dual-SPDT relays,
significantly reducing board space and simplifying PC
board routing. The MAX4670 pinouts are targeted for
T1/E1/J1 applications, resulting in a simplified layout
when interfacing with standard line transformers and
LIUs. Figure 1 is the functional diagram.
Logic Inputs (IN_,
SWITCH)
The MAX4670 four logic inputs (IN_) control the switches
in pairs and contain a global logic input (SWITCH) that
connects all COMs to their respective NO_ inputs.
SWITCH overrides all IN_ inputs when asserted low, thus
connecting all NO_ to COM_ outputs (transmitter/receiver
pairs to the protection bus). When SWITCH asserts high,
IN_ controls the switch pairs. See Table 1.
Surge Protection
The MAX4670 includes chip-side, surge-protection capa-
bility for short-haul intrabuilding applications. The low-
capacitance diodes suppress surge residuals from the
primary, line-side protection devices. It is assumed that
adequate primary protection is included on the line die of
the transformer, as represented in Figures 7–10. Table 2
lists the applicable surge protection setups for E1
interfaces. The MAX4670 surge test was performed per
IEC 61000-4-5 Class 2 specifications and passed at ±1kV
with only an in-line transformer and primary surge sup-
pressor. The transformer was a Halo TG83-1505NX trans-
former and the surge suppressor was a Teccor P0640SC.
Applications Information
Redundancy Architecture
Figures 7 through 10 illustrate the MAX4670 used in two
different redundancy architectures. There is one back-
up card for up to N line cards in the system (in this
example, N = 3). In the event one of the line cards fails
(memory failure, power supply went down, etc.), a sys-
tem supervisory card issues a command to the switch-
es to reroute the traffic to and from the problem line
card to the backup line card.
Integrated T1/E1/J1 Short-Haul and
Long-Haul Protection Switch
8
_______________________________________________________________________________________
PIN
NAME
FUNCTION
22
NC4
Normally Closed Terminal 4. Transmitter 1 differential terminal. Connect NC4 to LIU receiver.
23
NO3
Normally Open Terminal 3. Transmitter 1 differential protection terminal. Connect NO3 to the
protection bus.
24
NC3
Normally Closed Terminal 3. Transmitter 1 differential terminal. Connect NC3 to LIU receiver.
25
NO2
Normally Open Terminal 2. Receiver 2 differential protection terminal. Connect NO2 to the
protection bus.
26
NC2
Normally Closed Terminal 2. Receiver 1 differential terminal. Connect NC2 to LIU receiver.
27
NO1
Normally Open Terminal 1. Receiver 1 differential protection terminal. Connect NO1 to the
protection bus.
28
NC1
Normally Closed Terminal 1. Receiver 1 differential terminal. Connect NC1 to LIU receiver.
29
COM1
Common Terminal 1. Receiver 1 positive differential terminal. Connect COM1 to the receive
interface transformer.
30
COM2
Common Terminal 2. Receiver 1 negative differential terminal. Connect COM2 to the receive
interface transformer.
31
INA
Receiver 1 Logic Control. Drive INA low to connect receiver 1 to the LIU. INA logic is ignored
when SWITCH asserts low.
EP
EP
Exposed Paddle. Connect EP to GND or leave unconnected.
Pin Description (continued)


Similar Part No. - MAX4670ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX467 MAXIM-MAX467 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4674 MAXIM-MAX4674 Datasheet
358Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
Rev 2; 5/02
MAX4674 MAXIM-MAX4674 Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674EEE MAXIM-MAX4674EEE Datasheet
358Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
Rev 2; 5/02
MAX4674EEE MAXIM-MAX4674EEE Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results

Similar Description - MAX4670ETJ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
   Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
logo
Integrated Device Techn...
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
   Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2284 RENESAS-IDT82P2284 Datasheet
2Mb / 364P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
February 25, 2008
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
logo
Integrated Device Techn...
IDT82P2281 IDT-IDT82P2281_09 Datasheet
2Mb / 371P
   Single T1/E1/J1 Long Haul / Short Haul Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com