Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4670 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4670
Description  Integrated T1/E1/J1 Short-Haul and Long-Haul Protection Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4670 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4670 Datasheet HTML 7Page - Maxim Integrated Products MAX4670 Datasheet HTML 8Page - Maxim Integrated Products MAX4670 Datasheet HTML 9Page - Maxim Integrated Products MAX4670 Datasheet HTML 10Page - Maxim Integrated Products MAX4670 Datasheet HTML 11Page - Maxim Integrated Products MAX4670 Datasheet HTML 12Page - Maxim Integrated Products MAX4670 Datasheet HTML 13Page - Maxim Integrated Products MAX4670 Datasheet HTML 14Page - Maxim Integrated Products MAX4670 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Integrated T1/E1/J1 Short-Haul and
Long-Haul Protection Switch
______________________________________________________________________________________
11
tr < 5ns
tf < 5ns
50%
VINL
LOGIC
INPUT
RL
50
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
WHERE, VN_ IS VNC_ OR VNO_.
VINH
tOFF
0V
NO_
OR NC_
VNO_
OR
VNC_
0.9
× V0UT
0.9
× VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
VOUT
MAX4670
0.1
µF
V+
Figure 2. Switching Time
50%
VINH
VINL
LOGIC
INPUT
VOUT
0.9
× VOUT
tD
LOGIC
INPUT
RL
50
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_
IN_
NC_
VOUT
V+
CL
35pF
VNO_
OR
VNC_
COM_
MAX4670
0.1
µF
V+
Figure 3. Break-Before-Make Intervals
Test Circuits/Timing Diagrams
VOUT
IN_
OFF
ON
OFF
∆VOUT
Q = (
∆VOUT)(CL)
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN_
MAX4670
VGEN
GND
COM_
CL
VOUT
V+
NC_
OR NO_
VINL TO VINH
RGEN
IN_
0.1
µF
V+
Figure 4. Charge Injection


Similar Part No. - MAX4670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX467 MAXIM-MAX467 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4674 MAXIM-MAX4674 Datasheet
358Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
Rev 2; 5/02
MAX4674 MAXIM-MAX4674 Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674EEE MAXIM-MAX4674EEE Datasheet
358Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
Rev 2; 5/02
MAX4674EEE MAXIM-MAX4674EEE Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results

Similar Description - MAX4670

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
   Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
logo
Integrated Device Techn...
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
   Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2284 RENESAS-IDT82P2284 Datasheet
2Mb / 364P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
February 25, 2008
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
logo
Integrated Device Techn...
IDT82P2281 IDT-IDT82P2281_09 Datasheet
2Mb / 371P
   Single T1/E1/J1 Long Haul / Short Haul Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com