Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3087PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3087PBF
Description  XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3087PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3087PBF Datasheet HTML 6Page - International Rectifier IR3087PBF Datasheet HTML 7Page - International Rectifier IR3087PBF Datasheet HTML 8Page - International Rectifier IR3087PBF Datasheet HTML 9Page - International Rectifier IR3087PBF Datasheet HTML 10Page - International Rectifier IR3087PBF Datasheet HTML 11Page - International Rectifier IR3087PBF Datasheet HTML 12Page - International Rectifier IR3087PBF Datasheet HTML 13Page - International Rectifier IR3087PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
IR3087PBF
PHASE IC
CLOCK
PULSE
EAIN
VDAC
PWMRMP
GATEH
GATEL
STEADY-STATE
OPERATION
DUTY CYCLE INCREASE
DUE TO LOAD
INCREASE
DUTY CYCLE DECREASE
DUE TO VIN INCREASE
(FEED-FORWARD)
DUTY CYCLE DECREASE DUE TO LOAD
DECREASE (BODY BRAKING) OR FAULT
(VCC UV, VCCVID UV, OCP, VID=11111X)
STEADY-STATE
OPERATION
91% VDAC
Figure 4. PWM Operating Waveforms
Body Braking
TM
In a conventional synchronous buck converter, the minimum time required to reduce the current in the inductor in
response to a load step decrease is;
O
MIN
MAX
SLEW
V
I
I
L
T
)
(
*
=
The slew rate of the inductor current can be significantly increased by turning off the synchronous rectifier in
response to a load step decrease. The switch node voltage is then forced to decrease until conduction of the
synchronous rectifier’s body diode occurs. This increases the voltage across the inductor from Vout to Vout +
VBODYDIODE. The minimum time required to reduce the current in the inductor in response to a load transient
decrease is now;
BODYDIODE
O
MIN
MAX
SLEW
V
V
I
I
L
T
+
=
)
(
*
Since the voltage drop in the body diode is often higher than output voltage, the inductor current slew rate can be
increased by 2X or more. This patent pending technique is referred to as “body braking” and is accomplished
through the “0% Duty Cycle Comparator” located in the Phase IC. If the Error Amplifier’s output voltage drops below
88% of the VDAC voltage this comparator turns off the low side gate driver.
Lossless Average Inductor Current Sensing
Inductor current can be sensed by connecting a resistor and a capacitor in parallel with the inductor and measuring
the voltage across the capacitor, as shown in Figure 5. The equation of the sensing network is,
CS
CS
L
L
CS
CS
L
C
C
sR
sL
R
s
i
C
sR
s
v
s
v
+
+
=
+
=
1
)
(
1
1
)
(
)
(
Usually the resistor Rcs and capacitor Ccs are chosen so that the time constant of Rcs and Ccs equals the time
constant of the inductor which is the inductance L over the inductor DCR (RL). If the two time constants match, the
voltage across Ccs is proportional to the current through L, and the sense circuit can be treated as if only a sense
resistor with the value of RL was used. The mismatch of the time constants does not affect the measurement of
inductor DC current, but affects the AC component of the inductor current.
Page 10 of 35
1/31/05


Similar Part No. - IR3087PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3087M IRF-IR3087M Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3087MTR IRF-IR3087MTR Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
More results

Similar Description - IR3087PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
   PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com