Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT-54B33B-P-AG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # LT-54B33B-P-AG
Description  3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

LT-54B33B-P-AG Datasheet(HTML) 2 Page - Optoway Technology Inc

  LT-54B33B-P-AG Datasheet HTML 1Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 2Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 3Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 4Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
LT-54B33B-PG
*****************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2006 V3.0
2
Transmitter Specifications ( 0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V )
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Optical
Optical Transmit Power
Po
-1
4
dBm
1
Output Center Wavelength
λ
1480
1500
nm
Output Spectrum Width
Δλ
1
nm
-20 dB Width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
10
dB
Data Rate
1.244
Gb/s
Optical Rise Time
1
ns
10% to 90% Values
Optical Fall Time
1
ns
10% to 90% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Total Jitter
0.55
ns
Electrical
Data Input Current – Low
-350
µA
Data Input Current – High
350
µA
Differential Input Voltage
VIH - VIL
150
2000
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
2
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
2
Shutdown Input Voltage -- Low
VTSHDN,L
0
0.8
V
TX Output Disable
Shutdown Input Voltage -- High
VTSHDN,H
2.0
Vcc
V
TX Output Enable
Shut Off Time for Tx Shutdown
tDIS
30
µs
1. Output power is power coupled into a 9/125
µm single mode fiber.
2. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.
Receiver Characteristics ( 0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V )
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Optical
Sensitivity
Sen
-31
dBm
3
Saturation Optical Power
Sat
-8
dBm
3
Wavelength of Operation
1260
1360
nm
4
Data Rate
155
Mb/s
Packet-to-Packet Spacing
50
ns
5, 6
DC Optical Tolerance
Sen +3
dB
Optical Return Loss
20
dB
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
7
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
7
Rest Between Packet
Resetless
3. Sensitivity and saturation levels at BER 1E-10 for a 2
23-1 @ER=10.
4. At least 30 dB optical isolation for the wavelength 1480 to 1500 nm.
5. No reset is needed.
6. The optical power difference between neighboring packets is up to 15 dB.
7. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs.


Similar Part No. - LT-54B33B-P-AG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LT-543C OSRAM-LT-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
More results

Similar Description - LT-54B33B-P-AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPL-54B33B-G OPTOWAY-SPL-54B33B-G Datasheet
179Kb / 5P
   3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-K OPTOWAY-NU-33B54B-K Datasheet
119Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
NU-73B94B-PG OPTOWAY-NU-73B94B-PG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
SPL-94B73B-WG OPTOWAY-SPL-94B73B-WG Datasheet
248Kb / 5P
   ITU-T G.984.2 G-PON CLASS B Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX
NU-73C94C-PG OPTOWAY-NU-73C94C-PG Datasheet
156Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
BTRS-5820G OPTOWAY-BTRS-5820G_09 Datasheet
131Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5840G OPTOWAY-BTRS-5840G_09 Datasheet
131Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com