Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT-54B33B-P-AG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # LT-54B33B-P-AG
Description  3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

LT-54B33B-P-AG Datasheet(HTML) 5 Page - Optoway Technology Inc

  LT-54B33B-P-AG Datasheet HTML 1Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 2Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 3Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 4Page - Optoway Technology Inc LT-54B33B-P-AG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
LT-54B33B-PG
*****************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2006 V3.0
5
RECOMMENDED CIRCUIT BOARD LAYOUT
Notes:
1.
This figure describes the recommended circuit board layout for the SFF OLT Transceiver.
2.
The hatched areas are keep-out areas reserved for housing standoff. No metal traces or ground connection in keep-out
area.
3.
The mounting studs should be solder to chassis ground for mechanical integrity.


Similar Part No. - LT-54B33B-P-AG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LT-543C OSRAM-LT-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
More results

Similar Description - LT-54B33B-P-AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPL-54B33B-G OPTOWAY-SPL-54B33B-G Datasheet
179Kb / 5P
   3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-K OPTOWAY-NU-33B54B-K Datasheet
119Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
NU-73B94B-PG OPTOWAY-NU-73B94B-PG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
SPL-94B73B-WG OPTOWAY-SPL-94B73B-WG Datasheet
248Kb / 5P
   ITU-T G.984.2 G-PON CLASS B Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX
NU-73C94C-PG OPTOWAY-NU-73C94C-PG Datasheet
156Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
BTRS-5820G OPTOWAY-BTRS-5820G_09 Datasheet
131Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5840G OPTOWAY-BTRS-5840G_09 Datasheet
131Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com