Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWT0J221MCL Datasheet(PDF) 2 Page - Nichicon corporation

Part # UWT0J221MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWT0J221MCL Datasheet(HTML) 2 Page - Nichicon corporation

  UWT0J221MCL Datasheet HTML 1Page - Nichicon corporation UWT0J221MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
WT
series
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
150
220
330
470
680
1000
1500
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
151
221
331
471
681
102
152
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.8
8
× 5.4
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
22
30
36
60
86
102 (91)
105
210
210
230
310
0G
V
4
0J
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.8
8
× 5.4
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
5
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7
8
× 10
8
× 10
10
× 10
10
× 10
4
× 5.4 (3)
5
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 7.7
6.3
× 7.7
8
× 10
8
× 10
10
× 10
4
× 5.4 (3)
5
× 5.4
6.3
× 5.4
6.3
× 5.4
8
× 5.4
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
3
× 5.4
3
× 5.4
4
× 5.4
5
× 5.4
6.3
× 5.4
8
× 5.4
6.3
× 5.8
6.3
× 7.7
8
× 10
8
× 10
10
× 10
4
× 5.4 (3)
4
× 5.4 (3)
4
× 5.4 (3)
4
× 5.4 (3)
4
× 5.4 (3)
4
× 5.4 (3)
4
× 5.4
5
× 5.4
6.3
× 5.4
8
× 5.4
6.3
× 7.7
6.3
× 7.7
8
× 10
10
× 10
10
× 10
Case size
φ D × L (mm)
22
30
36
60
86
102 (91)
105
210
210
230
310
27
35
46
60
86
105
195
210
310
310
18 (14)
30
40
50
60
95
105
195
230
310
13 (10)
23
38
48
66 (59)
91
140
155
190
300
7.5
9
15
25
42
59 (52)
63
84
155
190
300
1.0
2.6
3.2
3.8
6.3 (5.9)
11 (9)
14
19
30
51 (45)
60
63
140
180
220
Code
Cap. (µF)
Rated
ripple
Rated Ripple (mArms) at 105°C 120Hz
( ) is also available with
φ3mm upon request. In such a case,
will be put at 12th digit of type numbering system.
Size
φ6.3 × 5.8 is available for capacitors marked. " " In such a case,
will be put at 12th digit of type numbering system.
6
2
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.70
1.00
1.17
1.36
1.50
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please select UX(p.74), UJ(p.76) series if high C/V
products are reqired.
Please refer to page 3 for the minimum order quantity.
CAT.8100V


Similar Part No. - UWT0J221MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWT0J101MCL1GB NICHICON-UWT0J101MCL1GB Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
UWT0J101MCR1GB NICHICON-UWT0J101MCR1GB Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
UWT0J102MNL1GS NICHICON-UWT0J102MNL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
UWT0J102MNR1GS NICHICON-UWT0J102MNR1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
UWT0J152MNL1GS NICHICON-UWT0J152MNL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
More results

Similar Description - UWT0J221MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com