Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWG1E681MCL Datasheet(PDF) 2 Page - Nichicon corporation

Part # UWG1E681MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWG1E681MCL Datasheet(HTML) 2 Page - Nichicon corporation

  UWG1E681MCL Datasheet HTML 1Page - Nichicon corporation UWG1E681MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.0
1.8
1.0
0.4
0.4
0.15
0.15
0.15
0.15
5
× 5.4
8
× 6.2
8
× 6.2
8
× 10
10
× 10
10
× 10
ALUMINUM ELECTROLYTIC CAPACITORS
WG
series
Dimensions
Max. Impedance (
Ω) at 20°C 100kHz
Rated Ripple (mArms) at 105°C 100kHz
10
22
33
47
68
100
150
220
330
470
680
1000
1500
100
220
330
470
680
101
151
221
331
471
681
102
152
4
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.4
8
× 6.2
8
× 10
10
× 10
10
× 10
3.0
1.8
1.0
1.0
0.4
0.3
0.15
0.15
60
95
140
140
230
450
670
670
0J
6.3
1A
10
1C
16
1.8
0.4
0.4
0.3
0.15
0.15
95
230
230
450
670
670
4
× 5.4
5
× 5.4
6.3
× 5.4
8
× 6.2
8
× 6.2
10
× 10
10
× 10
10
× 10
10
× 10
60
95
140
230
230
670
670
670
670
5.0
5.0
5.0
3.0
2.0
0.7
0.6
0.3
0.3
0.3
4
× 5.4
4
× 5.4
4
× 5.4
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
8
× 6.2
8
× 6.2
10
× 10
10
× 10
10
× 10
4
× 5.4
6.3
× 5.4
6.3
× 5.4
8
× 6.2
8
× 10
8
× 10
10
× 10
10
× 10
10
× 10
3.0
1.0
1.0
0.4
0.3
0.3
0.15
0.15
0.15
60
140
140
230
450
450
670
670
670
3.0
3.0
3.0
3.0
1.8
1.8
1.0
0.4
0.4
0.15
0.15
0.15
60
60
60
60
95
95
140
230
230
670
670
670
4
× 5.4
4
× 5.4
4
× 5.4
5
× 5.4
6.3
× 5.4
8
× 6.2
8
× 10
10
× 10
10
× 10
10
× 10
30
30
30
50
70
120
300
500
500
500
V
Code
Cap.
(µF)
1
2.2
3.3
4.7
6.8
10
22
33
47
68
100
220
330
470
010
2R2
3R3
4R7
6R8
100
220
330
470
680
101
221
331
471
1H
50
1E
25
1V
35
V
Code
Cap.
(µF)
Impedance
Case size
φ D × L (mm)
Rated
ripple
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.35
0.50
0.64
0.83
1.00
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please select UJ(p.76) series if high C/V products are
reqired.
Please refer to page 3 for the minimum order quantity.
CAT.8100V


Similar Part No. - UWG1E681MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWG1A101MCL1GS NICHICON-UWG1A101MCL1GS Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWG1V4R7MCL1GB NICHICON-UWG1V4R7MCL1GB Datasheet
59Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWG1E681MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com