Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBS-9250G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # GBS-9250G
Description  5V / 1550 nm / 2.5 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

GBS-9250G Datasheet(HTML) 4 Page - Optoway Technology Inc

  GBS-9250G Datasheet HTML 1Page - Optoway Technology Inc GBS-9250G Datasheet HTML 2Page - Optoway Technology Inc GBS-9250G Datasheet HTML 3Page - Optoway Technology Inc GBS-9250G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
GBS-9250G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
4
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - GBS-9250G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBS-9250-C270G OPTOWAY-GBS-9250-C270G Datasheet
89Kb / 5P
   5V / CWDM / 2.125 Gb/s Single-Mode Gigabit Interface Converter (GBIC)
GBS-9250-C290G OPTOWAY-GBS-9250-C290G Datasheet
89Kb / 5P
   5V / CWDM / 2.125 Gb/s Single-Mode Gigabit Interface Converter (GBIC)
GBS-9250-C310G OPTOWAY-GBS-9250-C310G Datasheet
89Kb / 5P
   5V / CWDM / 2.125 Gb/s Single-Mode Gigabit Interface Converter (GBIC)
GBS-9250-C330G OPTOWAY-GBS-9250-C330G Datasheet
89Kb / 5P
   5V / CWDM / 2.125 Gb/s Single-Mode Gigabit Interface Converter (GBIC)
GBS-9250-C350G OPTOWAY-GBS-9250-C350G Datasheet
89Kb / 5P
   5V / CWDM / 2.125 Gb/s Single-Mode Gigabit Interface Converter (GBIC)
More results

Similar Description - GBS-9250G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBS-9280G OPTOWAY-GBS-9280G Datasheet
84Kb / 4P
   5V / 1550 nm / 2.5 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBS-9280FG OPTOWAY-GBS-9280FG Datasheet
84Kb / 4P
   5V / 1550 nm / 2.125 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBS-92120FG OPTOWAY-GBS-92120FG Datasheet
85Kb / 4P
   5V / 1550 nm / 2.125 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBS-9030G OPTOWAY-GBS-9030G Datasheet
84Kb / 4P
   5V / 1310 nm / 2.5 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBS-9010G OPTOWAY-GBS-9010G Datasheet
84Kb / 4P
   5V / 1310 nm / 2.5 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBS-9040FG OPTOWAY-GBS-9040FG Datasheet
84Kb / 4P
   5V / 1310 nm / 2.125 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBS-9010FG OPTOWAY-GBS-9010FG Datasheet
85Kb / 4P
   5V / 1310 nm / 2.125 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
GBM-9000G OPTOWAY-GBM-9000G Datasheet
86Kb / 4P
   5V / 850 nm / 2.5 Gb/s Multi-Mode Gigabit Interface Converter (GBIC)
GBM-9000FG OPTOWAY-GBM-9000FG Datasheet
86Kb / 4P
   5V / 850 nm / 2.125 Gb/s Multi-Mode Gigabit Interface Converter (GBIC)
logo
List of Unclassifed Man...
GBM-9000F ETC1-GBM-9000F Datasheet
80Kb / 4P
   5V / 850 nm / 2.125 Gb/s Multi-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com