Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPV0J331MGD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPV0J331MGD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPV0J331MGD Datasheet(HTML) 1 Page - Nichicon corporation

  UPV0J331MGD Datasheet HTML 1Page - Nichicon corporation UPV0J331MGD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
Frequency coefficient
U
1
P
2
V
3
1
4
E
5
4
6
7
7
0
8
M
9
G
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (47µF)
Rated voltage (25V)
Series name
Type
390
220
150
100
68
47
33
22
15
10
0.68
0.47
0
0.5
0.6
0.7
0.8
0.9
1.0
300Hz
1kHz
120Hz
fD
P
fd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
f D
5
Pb-free leadwire
Pb-free PET sleeve
FD
6.3 á 8
GD
Configuration
(mm)
L+1.5MAX.
15MIN
4MIN
Sleeve (P.E.T.)
fd
Pressure
relief vent
(f6.3up )
ALUMINUM ELECTROLYTIC CAPACITORS
PV
series
Miniature Sized, Low Impedance, High Reliability
Miniature sized low impedance series withstanding 5000 hours load life at +105°C.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 50V
0.47 ~ 390µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at
105˚C for 1000 hours, and after performing
voltage treatment based on JIS C 5101-4 clause
4.1 at 20°C, they will meet the specified value for
endurance characteristics listed at right.
PV
Long Life
PJ
Capacitance change
Leakage current
tan
δ
Within ± 20% of initial value
Initial specified value or less
150% or less of initial specified value
Type numbering system (Example : 25V 47µF)
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
Capacitance change
Leakage current
After 5000 hours' application of rated voltage
at 105°C, capacitors meet the characteristics
requirements listed at right.
tan
δ
Within ± 30% of initial value
Initial specified value or less
300% or less of initial specified value
Rated voltage (V)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
Z– 55°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
6.3
5
10
5
16
4
25
3
35
3
50
2
• Frequency coefficient of
rated ripple current
(10kHz~200kHz=1)
Dimension table in next page.
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.


Similar Part No. - UPV0J331MGD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPV1E470MGH ETC1-UPV1E470MGH Datasheet
247Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
UPV1H100MFD NICHICON-UPV1H100MFD Datasheet
43Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPV1H470MGD NICHICON-UPV1H470MGD Datasheet
43Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPV1H6R8MFD NICHICON-UPV1H6R8MFD Datasheet
43Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPV0J331MGD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com