Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBS-7285-CXX0G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # GBS-7285-CXX0G
Description  5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

GBS-7285-CXX0G Datasheet(HTML) 4 Page - Optoway Technology Inc

  GBS-7285-CXX0G Datasheet HTML 1Page - Optoway Technology Inc GBS-7285-CXX0G Datasheet HTML 2Page - Optoway Technology Inc GBS-7285-CXX0G Datasheet HTML 3Page - Optoway Technology Inc GBS-7285-CXX0G Datasheet HTML 4Page - Optoway Technology Inc GBS-7285-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
GBS-7285-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
4
PIN ASSIGNMENT
PIN
Signal Name
Sequence
Description
1
RX-LOS
2
Receiver Loss of Signal, logic high, open collector compatible,
4.7K to 10K ohm pull-up to VCCT on host
2
RGND
2
Receiver Ground
3
RGND
2
Receiver Ground
4
MOD-DEF(0)
2
TTL Low
5
MOD-DEF(1)
2
SCL Serial Clock Signal
6
MOD-DEF(2)
2
SDA Serial Data Signal
7
TX-DIABLE
2
Transmitter Disable, logic high, open collector compatible
8
TGND
2
Transmitter Ground
9
TGND
2
Transmitter Ground
10
TX-FAULT
2
Transmitter Fault, logic high, open collector compatible, 4.7K to
10K ohm pull-up to VCCT on GBIC
11
RGND
1
Receiver Ground
12
-RX-DAT
1
Receiver Data Bar, Differential PECL, AC coupled
13
+RX-DAT
1
Receiver Data, Differential PECL, AC coupled
14
RGND
1
Receiver Ground
15
VCCR
2
Receiver +5V Supply
16
VCCT
2
Transmitter +5V Supply
17
TGND
1
Transmitter Ground
18
+TX-DAT
1
Transmitter Data, Differential PECL, AC coupled
19
-TX-DAT
1
Transmitter Data Bar, Differential PECL, AC coupled
20
TGND
1
Transmitter Ground
A sequence value of 1 indicates that the signal is in the first group to engage during plugging of a module. A sequence value of 2
indicates that the signal is the second and last group. The two guide pins on the connector are electrically connected to the transceiver circuit
ground. These two guide pins make contact with circuit prior to sequence 1 signals.
Module Definition
Module Definition
MOD-DEF(0)
PIN 4
MOD-DEF (1)
PIN 5
MOD-DEF (2)
PIN 6
Interpretation by
Host
4
TTL Low
SCL
SDA
Serial module definition
protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector
(NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the
2-wire serial CMOS E
2PROM protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - GBS-7285-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBS-7280-C270G OPTOWAY-GBS-7280-C270G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280-C290G OPTOWAY-GBS-7280-C290G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280-C310G OPTOWAY-GBS-7280-C310G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280-C330G OPTOWAY-GBS-7280-C330G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280-C350G OPTOWAY-GBS-7280-C350G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results

Similar Description - GBS-7285-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBS-7250-CXX0G OPTOWAY-GBS-7250-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120-CXX0G OPTOWAY-GBS-72120-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280-CXX0G OPTOWAY-GBS-7280-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72160-CXX0G OPTOWAY-GBS-72160-CXX0G Datasheet
90Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7250G OPTOWAY-GBS-7250G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280G OPTOWAY-GBS-7280G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72160G OPTOWAY-GBS-72160G Datasheet
85Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7010G OPTOWAY-GBS-7010G Datasheet
84Kb / 4P
   5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120G OPTOWAY-GBS-72120G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7030G OPTOWAY-GBS-7030G Datasheet
84Kb / 4P
   5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com