Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBS-7250-C390G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # GBS-7250-C390G
Description  5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

GBS-7250-C390G Datasheet(HTML) 3 Page - Optoway Technology Inc

  GBS-7250-C390G Datasheet HTML 1Page - Optoway Technology Inc GBS-7250-C390G Datasheet HTML 2Page - Optoway Technology Inc GBS-7250-C390G Datasheet HTML 3Page - Optoway Technology Inc GBS-7250-C390G Datasheet HTML 4Page - Optoway Technology Inc GBS-7250-C390G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
GBS-7250-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
3
Receiver Specifications (0
oC < Topr < 70oC, 4.75 V < Vcc < 5.25V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-24
dBm
4
Maximum Input Power
Pin
-3
---
dBm
4
Signal detect – Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1620
nm
Optical Return Loss
ORL
12
dB
RX-LOS – Asserted
Pa
---
---
-24
dBm
Transition: low to high
RX-LOS – Deasserted
Pd
-36
---
---
dBm
Transition: high to low
Electrical
Differential Output Voltage
±RX-DAT
0.37
2.0
Vp-p
Data Output Rise Time
TrRX-DAT
0.35
ns
Data Output Fall Time
TfRX-DAT
0.35
ns
RX-LOS of Light Load
RX-LOSLOAD
4.7
10
5
RX-LOS Output Voltage --- Low
RX-LOSL
0
0.5
V
RX-LOS Outpu Voltage --- High
RX-LOSH
2.4
Vcc
V
RX-LOS Assert Time (off to on)
TA,RX-LOS
100
µs
RX-LOS Deassert Time (on to off)
TD,RX-LOS
100
µs
4. Minimum sensitivity and saturation levels at BER=1E-12 for a 2
7-1 PRBS.
5. Pull-up resistor on host Vcc.


Similar Part No. - GBS-7250-C390G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBS-7250G OPTOWAY-GBS-7250G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results

Similar Description - GBS-7250-C390G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBS-72120-CXX0G OPTOWAY-GBS-72120-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280-CXX0G OPTOWAY-GBS-7280-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72160-CXX0G OPTOWAY-GBS-72160-CXX0G Datasheet
90Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7285-CXX0G OPTOWAY-GBS-7285-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7250G OPTOWAY-GBS-7250G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7280G OPTOWAY-GBS-7280G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72160G OPTOWAY-GBS-72160G Datasheet
85Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7010G OPTOWAY-GBS-7010G Datasheet
84Kb / 4P
   5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120G OPTOWAY-GBS-72120G Datasheet
84Kb / 4P
   5V / 1550 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7030G OPTOWAY-GBS-7030G Datasheet
84Kb / 4P
   5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com