Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWH1V101MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWH1V101MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWH1V101MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UWH1V101MCL Datasheet HTML 1Page - Nichicon corporation UWH1V101MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic platform
0.3MAX.
C±0.2
H
H
Positive
Negative
Plastic platform
0.3MAX.
C±0.2
Positive
Negative
U
1
W
2
H
3
1
4
A
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Package code
Capacitance tolerance (±20%)
Rated Capacitance (100mF)
Rated voltage (10V)
Series name
Type
L±0.3
L±0.5
8 ´ 6.2
fD ´ L
A
B
C
E
3.3
8.3
8.3
2.3
8 ´ 10
2.9
8.3
8.3
3.1
10 ´ 10
3.2
10.3
10.3
4.5
L
6.2
10
10
H
0.5 ~ 0.8
0.8 ~ 1.1
0.8 ~ 1.1
(mm)
Trade mark
Voltage (A:10V)
Capacitance
Lot No.
Capacitance
Lot No.
Series
Trade mark
Voltage (V:35V)
Series
WH
series
Chip Type, High Reliability
High Temperature (260°C) Reflow
Corresponding with 260°C peak reflow soldering
Recomended reflow condition : 260°C peak 5 sec. 230°C over 60 sec. 2 times
(
φ8 × 6.2, φ10 × 10 : 1 time)
Chip type high temperature range, for +125°C use.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
(
φ8 × 6.2)
(
φ8 × 10, φ10 × 10)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 40 ~ +125°C
10 ~ 50V
10 ~ 330µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4(µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage at
125°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 125°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
10
12
16
8
25
6
35
4
50
4
Type numbering system (Example : 10V 100µF)
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
Rated voltage (V)
tan
δ (MAX.)
10
0.32
16
0.24
25
0.21
35
0.18
50
0.18
Measurement frequency : 120Hz, Temperature : 20°C
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±30% of initial value
Initial specified value or less
300% or less of intial specified value
WH
UB
Voltage
V
1016253550
Code
A
C
E
V
H
High
Temperature
Reflow
Dimension table in next page.
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100V


Similar Part No. - UWH1V101MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWH1A101MCL1GS NICHICON-UWH1A101MCL1GS Datasheet
48Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWH1V101MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com