Electronic Components Datasheet Search |
|
UPM1A152MPD Datasheet(PDF) 6 Page - Nichicon corporation |
|
UPM1A152MPD Datasheet(HTML) 6 Page - Nichicon corporation |
6 / 7 page Standard ratings 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 ..5 × 11 ..5 × 11 6.3 × 11. 6.3 × 11. 6.3 × 11. 6.3 × 11. 6.3 × 15. 6.3 × 15. .....8 × 11.5 ..8 × 15 ..8 × 15 ..8 × 20 10 × 20 10 × 20 10 × 25 ...10 × 31.5 12.5 × 20... 12.5 × 25... 12.5 × 25... 12.5 × 31.5 12.5 × 35.5 12.5 × 40... ...16 × 31.5 ...16 × 35.5 16 × 40 18 × 40 1.06 0.93 0.73 0.63 0.52 0.43 0.35 0.30 0.25 0.21 0.17 0.15 0.12 0.10 0.090 0.075 0.065 0.055 0.049 0.043 0.039 0.035 0.032 0.029 0.027 0.025 2.12 1.86 1.46 1.26 1.04 0.86 0.70 0.60 0.50 0.42 0.34 0.30 0.24 0.20 0.18 0.15 0.13 0.11 0.098 0.086 0.078 0.070 0.064 0.058 0.054 0.050 135 145 185 195 215 240 305 330 365 450 500 600 750 820 950 1110 1140 1340 1420 1620 1780 1950 2050 2220 2370 2510 67 72 92 100 110 130 170 190 215 275 315 385 495 555 665 790 835 1000 1090 1260 1420 1580 1700 1880 2050 2210 ...10 × 12.5 ...10 × 12.5 10 × 15 12.5 × 15... 12.5 × 15... 12.5 × 15... 16 × 15 16 × 15 18 × 15 18 × 15 16 × 20 16 × 25 18 × 20 18 × 25 ...18 × 31.5 ...18 × 35.5 0.23 0.19 0.16 0.14 0.12 0.095 0.080 0.070 0.060 0.050 0.047 0.042 0.039 0.035 0.032 0.029 0.46 0.38 0.32 0.28 0.24 0.19 0.16 0.14 0.12 0.10 0.094 0.084 0.078 0.070 0.064 0.058 450 495 580 695 750 845 1050 1120 1290 1410 1500 1700 1730 1940 2110 2280 275 310 375 460 510 590 750 820 965 1080 1170 1350 1400 1610 1780 1970 63 (1J) — Case size φ D × L (mm) Impedance ( Ω) MAX. 20°C / 100kHz – 10°C / 100kHz Rated ripple (mArms) 105°C / 10kHz~ 200kHz 105°C / 120Hz Case size φ D × L (mm) Impedance ( Ω) MAX. 20°C / 100kHz – 10°C / 100kHz Rated ripple (mArms) 105°C / 10kHz~ 200kHz 105°C / 120Hz 6 Code V(Code) Cap.(µF) I tem Size code V(Code) Code Case size φ D × L (mm) Case size φ D × L (mm) Impedance ( Ω) MAX. Impedance ( Ω) MAX. Rated ripple (mArms) Rated ripple (mArms) 80 (1K) — 6 20°C / 100kHz 20°C / 100kHz –10°C / 100kHz –10°C / 100kHz 105°C / 120Hz 105°C / 120Hz Cap.(µF) Item Size code 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 5 × 11 5 × 11 6.3 × 11 6.3 × 11 6.3 × 11 6.3 × 11 6.3 × 15 6.3 × 15 8 × 11.5 8 × 15 8 × 15 8 × 20 10 × 20 10 × 20 10 × 25 10 × 31.5 10 × 31.5 12.5 × 25 12.5 × 31.5 12.5 × 31.5 12.5 × 35.5 12.5 × 40 16 × 31.5 16 × 35.5 16 × 40 18 × 35.5 18 × 40 4.20 2.60 1.70 1.40 1.20 1.00 0.77 0.63 0.53 0.46 0.39 0.34 0.28 0.25 0.21 0.18 0.15 0.13 0.12 0.10 0.088 0.078 0.069 0.062 0.055 0.049 0.044 11.00 7.00 4.60 3.80 3.20 2.70 2.10 1.70 1.40 1.20 1.10 0.92 0.76 0.68 0.57 0.49 0.41 0.35 0.32 0.27 0.24 0.21 0.19 0.17 0.15 0.13 0.12 53 68 87 96 104 150 180 220 275 300 360 490 570 620 795 870 955 1040 1160 1270 1450 1610 1790 2000 2200 2250 2370 26 34 43 48 52 58 71 80 132 156 175 208 264 284 347 406 459 520 595 667 767 822 1150 1300 1470 1590 1790 10 × 12.5 10 × 12.5 10 × 15 12.5 × 15 12.5 × 15 12.5 × 15 16 × 15 16 × 15 16 × 15 18 × 15 16 × 20 16 × 25 18 × 20 18 × 25 18 × 31.5 18 × 31.5 0.49 0.42 0.36 0.31 0.27 0.23 0.20 0.18 0.15 0.13 0.11 0.099 0.089 0.080 0.072 0.065 1.30 1.10 0.97 0.84 0.73 0.62 0.54 0.47 0.41 0.35 0.30 0.27 0.24 0.22 0.19 0.18 380 410 500 520 560 605 663 699 766 881 1240 1440 1450 1650 1750 1850 155 174 202 249 273 308 444 484 543 643 742 874 908 1060 1210 1300 105°C / 10kHz ~ 200kHz 105°C / 10kHz ~ 200kHz In case of low profile type, will be put at 12th digit of type numbering system. 6 PM series ALUMINUM ELECTROLYTIC CAPACITORS CAT.8100V-1 |
Similar Part No. - UPM1A152MPD |
|
Similar Description - UPM1A152MPD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |