Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG719 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG719
Description  LOW VOLTAGE 4廓 SPDT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG719 Datasheet(HTML) 4 Page - STMicroelectronics

  STG719_07 Datasheet HTML 1Page - STMicroelectronics STG719_07 Datasheet HTML 2Page - STMicroelectronics STG719_07 Datasheet HTML 3Page - STMicroelectronics STG719_07 Datasheet HTML 4Page - STMicroelectronics STG719_07 Datasheet HTML 5Page - STMicroelectronics STG719_07 Datasheet HTML 6Page - STMicroelectronics STG719_07 Datasheet HTML 7Page - STMicroelectronics STG719_07 Datasheet HTML 8Page - STMicroelectronics STG719_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STG719
4/10
Table 6: AC Electrical Characteristics (CL = 35pF, RL = 300Ω)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Table 7: Analog Switch Characteristics (GND = 0V; TA = 25°C)
(*)Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPD
Delay Time
3.3(*)
VS = 3V square
wave f = 1MHz
tr = tf = 6ns
0.4
0.8
1.2
2.4
ns
5.0(**)
0.3
0.6
1.0
2.0
tON
ON Channel Time
3.3(*)
VS = 2V
10
16
19
ns
5.0(**)
VS = 3V
711
13
tOFF
OFF Channel Time
3.3(*)
VS = 2V
5.5
7
8.5
ns
5.0(**)
VS = 3V
4.5
6
7.5
tD
Break Before Make
Time Delay
3.3(*)
VS = 2V
14
ns
5.0(**)
VS = 3V
14
CSOFF
OFF Channel
Capacitance
19
pF
CSON
ON Channel
Capacitance
33
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
Typ.
fMAX
Frequency Response
(Switch ON)
3.3(*)
Bandwidth at -3dB
200
MHz
5.0(**)
200
Feed through
Attenuation (Switch
OFF)
3.3(*)
fIN = 10MHz sine wave
-40
dB
3.3(*)
fIN = 1MHz sine wave
-74
5.0(**)
fIN = 10MHz sine wave
-40
5.0(**)
fIN = 1MHz sine wave
-74
Crosstalk (Control
Input to Signal
Output)
3.3(*)
fIN = 10MHz sine wave
-39
dB
3.3(*)
fIN = 1MHz sine wave
-52
5.0(**)
fIN = 10MHz sine wave
-39
5.0(**)
fIN = 1MHz sine wave
-52


Similar Part No. - STG719_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG719CTR STMICROELECTRONICS-STG719CTR Datasheet
137Kb / 10P
   LOW VOLTAGE 4廓 SPDT SWITCH
STG719FTR STMICROELECTRONICS-STG719FTR Datasheet
60Kb / 7P
   LOW VOLTAGE 4ohm SPDT SWITCH
More results

Similar Description - STG719_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG719CTR STMICROELECTRONICS-STG719CTR Datasheet
137Kb / 10P
   LOW VOLTAGE 4廓 SPDT SWITCH
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157 Datasheet
417Kb / 10P
   4.5廓 Low Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS3699A IDT-IDTAS3699A Datasheet
256Kb / 13P
   0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com