Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1007AMJG Datasheet(PDF) 8 Page - Texas Instruments

Part # LT1007AMJG
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007AMJG Datasheet(HTML) 8 Page - Texas Instruments

Back Button LT1007AMJG Datasheet HTML 4Page - Texas Instruments LT1007AMJG Datasheet HTML 5Page - Texas Instruments LT1007AMJG Datasheet HTML 6Page - Texas Instruments LT1007AMJG Datasheet HTML 7Page - Texas Instruments LT1007AMJG Datasheet HTML 8Page - Texas Instruments LT1007AMJG Datasheet HTML 9Page - Texas Instruments LT1007AMJG Datasheet HTML 10Page - Texas Instruments LT1007AMJG Datasheet HTML 11Page - Texas Instruments LT1007AMJG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
TYPICAL CHARACTERISTICS
INPUT OFFSET VOLTAGE
vs
TIME AFTER POWER ON
5
4
3
2
1
0
10
8
6
4
DW, JG, or P Package
TA = 25°C
VCC
± = ±15 V
LT1007, LT1037
LT1007A, LT1037A
LT1007, LT1037
VCC
± = ±15 V
Time After Power On – minutes
0
2
TA – Free-Air Temperature – ° C
125
100
75
50
25
0
–25
50
40
30
20
10
0
–10
–20
–30
–40
–50
INPUT OFFSET VOLTAGE
OF REPRESENTATIVE UNITS
vs
FREE-AIR TEMPERATURE
–50
Figure 1
Figure 2
8
6
4
2
10
5
0
–5
t – Time – months
0
–10
INPUT OFFSET CURRENT
vs
TEMPERATURE
LT1007A, LT1037A
LT1007, LT1037
60
50
40
30
20
10
125
100
75
50
25
0
–25
–50
TA – Free-Air Temperature – ° C
–75
0
VCC
± = ± 15 V
10
LONG TERM STABILITY OF
INPUT OFFSET VOLTAGE
FOR FOUR REPRESENTATIVE UNITS
0.2
µV/Month Trend Line
0.2
µV/Month Trend Line
Figure 3
Figure 4
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - LT1007AMJG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1007AMJ8 LINER-LT1007AMJ8 Datasheet
365Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1007AMJ8 LINER-LT1007AMJ8 Datasheet
518Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
More results

Similar Description - LT1007AMJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com