Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNW2H181MSEC Datasheet(PDF) 1 Page - Nichicon corporation

Part # LNW2H181MSEC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNW2H181MSEC Datasheet(HTML) 1 Page - Nichicon corporation

  LNW2H181MSEC Datasheet HTML 1Page - Nichicon corporation LNW2H181MSEC Datasheet HTML 2Page - Nichicon corporation LNW2H181MSEC Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAT.8100V
Item
Performance Characteristics
After an application of DC voltage (in the range of rated DC voltage
even after over-lapping the specified ripple current) for 2000 hours
at 85°C, capacitors meet the requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours,
and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the reguirements listed at right.
ALUMINUM ELECTROLYTIC CAPACITORS
NW
High
Voltage
NW
series
Screw Terminal Type, High Voltage
Suited for general inverter.
Load life of 2000 hours application of ripple current at 85°C
Available for adapted to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Insulation Resistance
The insulation resistance shall be more than 100M
Ω at DC 500V application between terminal and bracket.
Voltage proof
There is no abnormality during AC 2500V 1 minute's application between terminal and bracket.
Endurance
Shelf Life
Marking
25 ~ +85°C
350 ~ 550V
100 ~ 12000µF
± 20% (120Hz, 20°C)
Less than
(µA) after 5 minutes' application [C:Rated capacitance (µF), V:Voltage (V)]
Printed with white color letter on black sleeve
0.25MAX. (120Hz, 20°C)
B35 Screw terminal type
B51~ 90 Screw terminal type
Pressure relief vent
29±1
24
7
Sleeve
Bottom plate
6±1
Hexagenal headed bolt (M5)
L+3MAX.
15±0.5
10
P
7
Pressure relief vent
Pressure relief vent
A±2
120
¡
30¡
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
U
S
Note) The terminal bolts and mounting brackets will be delivered
B
3-leg brackets for B90 capacitors have different
hole shapes from the ordinary ones illustrated
below.
±1
L+ MAX.
H±1
h
Type numbering system (Ex.:400V 10000 F)
L
1
N
2
W
3
2
4
G
5
1
6
0
7
3
8
M
9
S
10
EJ
11
13 14
12
Configuration
Case dia. code
Mounting bracket
(B35)
Capacitance tolerance (
±20%)
Rated Capacitance (10000 F)
Rated Voltage (400V)
Series name
Type
3-leg brackets Code less
2-leg brackets BB
No brackets BN
BD
Code
035.0
C
051.0
F
063.5
G
076.2
H
090.0
J
2-leg brackets Code less
No brackets BN
(B51~B90)
BD
51
63.5
76.2
90
22.0
28.6
31.8
31.8
32.5
38.5
7.5
5.0
12
60
20
15
38.1
43
8.0
5.0
14
60
25
20
44.5
49.2
7.0
5.0
14
60
30
24
50.8
58.5
8.0
5.0
18
60
35
25
33.2
40
6.0
4.5
14
30
25
15
40.5
46.5
7.0
4.5
14
30
35
20
46.5
53
6.0
4.5
14
30
35
20
53
59
6.0
4.5
14
30
35
20
6
6
6
6
P
A
T
S
U
¡
H
h
3
3
3
3
M5
M5
M5
M5
W
Leg shape
Symbol
Dimension of mounting bracket
Dimension of terminal pitch (W) and length ( ) and Nominal dia. of bolt
BD
51
63.5 76.2
90
51
63.5 76.2
90
3-Leg
2-Leg
Nominal dia. of bolt
=
(mm)
(mm)
Configuration
Cr (111) Plating
(RoHS compliant)
Cr (81) Plating
SE
SM
Resin bushing available upon request.
Drawing
NR
Capacitance change
tan
δ
Leakage current
Within ±20% of initial value
300% or less of initial specified value
Initial specified value or less
3 CV
Rated volt. (V)
350 ~ 450
500, 550V
C (-25°C) / C (+20°C)
0.7 min.
0.6 min.
Capacitance changing
Capacitance change
tan
δ
Leakage current
Within ±20% of initial value
300% or less of initial specified value
Initial specified value or less
Please contact to us if PVC less products are required.
Dimension table in next page.


Similar Part No. - LNW2H181MSEC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNW476CK4 PANASONIC-LNW476CK4 Datasheet
29Kb / 1P
   3.2 mm InGaAIP
LNW497CK4 PANASONIC-LNW497CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW498CK4 PANASONIC-LNW498CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW4A4CN4 PANASONIC-LNW4A4CN4 Datasheet
30Kb / 1P
   5.0 mm InGaAIP
LNW4A8YY4 PANASONIC-LNW4A8YY4 Datasheet
20Kb / 1P
   4.0 mm InGaAIP
More results

Similar Description - LNW2H181MSEC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com