Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDU6N50FTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDU6N50FTU
Description  N-Channel MOSFET 500V, 5.5A, 1.15廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDU6N50FTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDU6N50FTU Datasheet HTML 1Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 2Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 3Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 4Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 5Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 6Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 7Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 8Page - Fairchild Semiconductor FDU6N50FTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDD6N50F / FDU6N50F Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. Maximum Safe Operating Area
vs. Temperature
Figure 9. Maximum Drain Current
vs. Case Temperature
Figure 10. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
oC]
1
10
100
1000
0.01
0.1
1
10
30μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
50
25
50
75
100
125
150
0.0
1.2
2.4
3.6
4.8
6.0
TC, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-3
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 1.4
oC/W Max.
2. Duty Factor, D=t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
3
t1
PDM
t2


Similar Part No. - FDU6N50FTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDU6N50 FAIRCHILD-FDU6N50 Datasheet
845Kb / 9P
   500V N-Channel MOSFET
FDU6N50 FAIRCHILD-FDU6N50 Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDU6N50TU FAIRCHILD-FDU6N50TU Datasheet
845Kb / 9P
   500V N-Channel MOSFET
FDU6N50TU FAIRCHILD-FDU6N50TU Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
More results

Similar Description - FDU6N50FTU

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF8N60 TAK_CHEONG-TFF8N60 Datasheet
288Kb / 7P
   N-Channel Power MOSFET 8A, 600V, 1.15廓
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com