Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z95DBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z95DBT Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z95DBT Datasheet HTML 1Page - Texas Instruments BQ20Z95DBT Datasheet HTML 2Page - Texas Instruments BQ20Z95DBT Datasheet HTML 3Page - Texas Instruments BQ20Z95DBT Datasheet HTML 4Page - Texas Instruments BQ20Z95DBT Datasheet HTML 5Page - Texas Instruments BQ20Z95DBT Datasheet HTML 6Page - Texas Instruments BQ20Z95DBT Datasheet HTML 7Page - Texas Instruments BQ20Z95DBT Datasheet HTML 8Page - Texas Instruments BQ20Z95DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
SYSTEM PARTITIONING DIAGRAM
Coloumb
Counter
HWOver
Current &
ShortCircuit
Protection
CellVoltage
Multiplexer
N-ChannelFET
Drive
PreChargeFET
& PGODDrive
PowerMode
Control
SMBD
DISP
VC5
VC4
VC3
VC2
VC1
¯¯¯¯¯
SMBC
¯¯¯¯¯¯
¯¯¯¯
CellBalancing
Temperature
Measurement
LEDDisplay
DataFlash
Memory
SMB 1.1
Impedance
Track ™
GasGauging
SHA-1
Authentication
Over- & Under-
Voltage
Protection
Voltage
Measurement
OverCurrent
Protection
Oscillator
Charging
Algorithm
FuseBlow
Detectionand
Logic
Over
Temperature
Protection
Watchdog
Regulators
RESET
ALERT
¯¯¯¯¯¯
REG33
REG25
VCELL+
MSRT
RBI
SystemControl
AFEHWControl
Pack -
RSNS
5m
– 20m
typ.
Pack +
SMBC
SMBD
bq20z95
GND
VC4
VC3
VC2
VC1
VDD
OUT
CD
bq294xx
1
DSG
2
PACK
3
VCC
4
ZVCHG
5
6
PMS
7
VSS
8
REG33
9
TOUT
10
VCELL+
CHG
BAT
37
VC1
18
VC2
17
VC3
16
VC4
15
VC5
14
ASRP
13
ASRN
12
11
GPOD
19
NC
PRES
TS 2
PFIN
SAFE
SMBD
TS 1
LED4
LED5
GSRP
23
GSRN
24
25
VSS
26
REG25
27
RBI
28
VSS
29
30
31
32
33
34
35
36
38
21
20
22
SMBC
DISP
VSS
43
39
40
41
42
44
LED1
LED2
LED3
RESET
¯¯¯¯¯¯
¯¯¯¯¯
MRST
ALERT
¯¯¯¯¯¯
¯¯¯¯
¯¯¯¯
¯¯¯¯¯
NC
bq20z95
SLUS757 – JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
bq20z95
DBT Package
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq20z95


Similar Part No. - BQ20Z95DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95DBT TI1-BQ20Z95DBT Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z95DBTG4 TI1-BQ20Z95DBTG4 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z95DBTR TI1-BQ20Z95DBTR Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z95DBTRG4 TI1-BQ20Z95DBTRG4 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
More results

Similar Description - BQ20Z95DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com