Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFG2A471MPM Datasheet(PDF) 1 Page - Nichicon corporation

Part # UFG2A471MPM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UFG2A471MPM Datasheet(HTML) 1 Page - Nichicon corporation

  UFG2A471MPM Datasheet HTML 1Page - Nichicon corporation UFG2A471MPM Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
For capacitance of more than 1000µF add 0.02 for every increase of 1000µF.
ALUMINUM ELECTROLYTIC CAPACITORS
FG
series
High Grade Standard Type, For Audio Equipment
Type numbering system (Example : 10V 47µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 100V
0.1 ~ 10000µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.01CV or 3 (µA) , whichever is greater.
Printed with black color letter on gold sleeve.
Measurement frequency : 120Hz
After 1000 hours'
application of rated voltage
at 85°C, capacitors meet
the characteristic
requirements listed at right.
After storimg the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
80
0.09
100
0.08
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
6
16
2
4
25
2
4
35
2
3
50
2
3
63
2
3
80
2
3
100
2
3
Capacitance change
Leakage current
tan
δ
Within ±20% of the initial measurement for units of not more than 16V or
φ6.3
Within ±15% of the initial measurement for units of not less than 25V or above
φ6.3
150% or less of initial specified value
Initial specified value or less
Measurement frequency : 120Hz, Temperature : 20°C
"Fine Gold"
MUSE acoustic series suited for high grade
audio equipment, using state of the art etching techniques.
Rich sound in the bass register and clearer high end, most
suited for AV equipment like DVD, MD.
Adapted to the RoHS directive (2002/95/EC).
L+ MAX.
15MIN
4MIN
BD
P
Bd
5
2.0
0.6
6.3
2.5
0.6
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.8
16
7.5
0.8
18
7.5
0.8
(B6.3up)
(L < 20) 1.5
(L 20) 2.0
Sleeve (P.E.T.)
B d
Pressure
relief vent
(mm)
U
1
F
2
G
3
1
4
A
5
4
6
7
7
0
8
M
9
D
10
M
11
φD
5
DM
6.3
8 · 10
EM
PM
12.5 ~ 18
HM
Configuration
Capacitance tolerance (
±20%)
Rated Capacitance (47
µF)
Rated voltage (10V)
Series name
Type
Code
Radial Lead Type
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
FG
KZ High Grade
High Grade
Dimension table in next page.
FW
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UFG2A471MPM

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
UFG RUBYCON-UFG Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
UFG0J102MPM NICHICON-UFG0J102MPM Datasheet
65Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UFG0J103MHM NICHICON-UFG0J103MHM Datasheet
65Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UFG0J222MHM NICHICON-UFG0J222MHM Datasheet
65Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UFG0J332MHM NICHICON-UFG0J332MHM Datasheet
65Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UFG2A471MPM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com