Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UET1H471MED Datasheet(PDF) 1 Page - Nichicon corporation

Part # UET1H471MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UET1H471MED Datasheet(HTML) 1 Page - Nichicon corporation

  UET1H471MED Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U
1
E
2
T
3
1
4
A
5
4
6
7
7
0
8
M
9
E
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (47mF)
Rated voltage (10V)
Series name
Type
fD
P
fd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
L+ MAX
(L < 20) 1.5
(L 20) 2.0
f D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8á10
PD
12.5 á 16
HD
Configuration
(mm)
15MIN
4MIN
fd
Sleeve (P.E.T.)
Pressure
relief vent
(f6.3up)
ALUMINUM ELECTROLYTIC CAPACITORS
ET
series
Bi-Polarized, Wide Temperature Range
Bi-polarized series for operations over wide temperature range of – 55 ~ +105°C.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 10V 47µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 100V
0.47 ~ 1000µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (µA), whichever is greater.
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage at 105°C with the
polarity inverted every 250 hours, capacitors meet the
characteristic requirement listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
ET
VP
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.20
16
0.16
25
0.16
35
0.14
50
0.12
63
0.10
100
0.09
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
6
16
2
4
25
2
4
35
2
3
50
2
3
63
2
3
100
2
3
High
Te m p e rature
Leakage current
tan
δ
Capacitance change
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Cap.(µF)
0000 ~ 4700
0100 ~ 4700
1000
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
Frequency
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
42
57
67
125
204
275
371
668
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 25
16
× 31.5
10
15
22
32
39
64
114
164
200
304
Rated
ripple
26
31
53
96
129
157
275
486
8
12
18
22
29
51
82
107
146
264
443
593
25
40
68
89
111
196
364
493
586
30
51
63
89
139
279
346
460
746
5
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
Dimensions
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
46
61
104
168
229
300
550
0J
Rated Ripple (mArms) at 105°C 120Hz
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
1J
2A
63
100
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 25
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 20
10
× 20
12.5
× 25
16
× 31.5
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 25
12.5
× 25
16
× 25
16
× 31.5
23
34
55
79
100
164
336
414
543
871
Case size
φD×L (mm)
V
Code
Cap. (µF)
• Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - UET1H471MED

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
UET14A05L03-BK-TP TECHPUBLIC-UET14A05L03-BK-TP Datasheet
1Mb / 4P
   Low Capacitance TVS Diode Array
More results

Similar Description - UET1H471MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com