Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPJ1E561MDD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPJ1E561MDD
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ1E561MDD Datasheet(HTML) 1 Page - Nichicon corporation

  UPJ1E561MDD Datasheet HTML 1Page - Nichicon corporation UPJ1E561MDD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
Pressure
relief vent
In case L >25 for the f12.5 dia. unit, lead dia. f d=0.8mm.
U
1
P
2
J
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11 12
Configuration
Size code
Capacitance tolerance (±20%)
Rated Capacitance (470µF)
Rated voltage (25V)
Series name
Type
Type
15000
10000
6800
4700
3300
2200
1500
1000
680
470
Frequency coefficient
Rated voltage
Small Dia
Low Profile
Code
6
15MIN
4MIN
f d
(f6.3up)
fD
P
fd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
5.0
0.6
12.5
0.6
16
7.5
0.8
18
7.5
0.8
(fD < 10) 1.0
(fD 10) 1.5
L+ MAX.
Sleeve (P.E.T.)
f D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 10
PD
12.5 ~ 18
HD
Configuration
(mm)
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
series
Low Impedance, For Switching Power Supplies
Low impedance and high reliability withstanding 5000 hours load life
at +105˚C (3000 / 2000 hours for smaller case sizes as specified below).
Capacitance ranges available based on the numerical values in E12 series under JIS.
Ideally suited for use of switching power supplies.
Adapted to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Marking
Performance Characteristics
Item
– 55 ~ +105˚C (6.3 ~ 100V), – 40 ~ +105˚C (160 ~ 400V), – 25 ~ +105˚C (450V)
6.3 ~ 450V
0.47 ~ 15000µF
± 20% at 120Hz, 20˚C
Rated Voltage (V)
Leakage current
120Hz
After 1 minute's application of rated voltage, leakage current is not more
than 0.03CV or 4 (µA), whichever is greater.
Printed with white color letter on dark brown sleeve.
After an application of D.C. bias voltage plus the rated ripple
current for 5000 hours (2000 hours for
φD = 5 and 6.3, 3000
hours for
φD = 8 )at 105˚C the peak voltage shall not exceed
the rated D.C. voltage, capacitors meet the characteristic
requirements shown on the right.
Shelf Life
After storing the capacitors under no load at 105˚C for 1000
hours, and after performing voltage treatment based on JIS
C 5101-4 clause 4.1 at 20°C, they will meet the specified
value for endurance characteristics listed above.
160 ~ 450
CV <
= 1000 : I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 :
I = 0.04CV+100 (µA) max. (1 minute's)
Rated voltage (V)
Impedance
ratio
(MAX.)
Z– 25˚C / Z+20˚C
Z– 40˚C / Z+20˚C
Z– 55˚C / Z+20˚C
6.3 10
4
16
3
25 35
3
50 ~ 100
2
160 ~ 200
4
250
6
315 ~ 350
8
400
10
450
15
Radial Lead Type
PJ
6.3 ~ 100
Type numbering system (Example : 25V 470µF)
Dimension table in next pages.
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±20% of initial value
Leakage current
tan
δ
Capacitance change
Initial specified value or less
150% or less of initial specified value
Within ±20% of initial value
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
• Please refer to page 21 about the end seal configulation.
15000
10000
6800
4700
3300
2200
1500
1000
680
470
330
220
150
100
68
47
33
22
15
10
0.68
0.47
0
0.5
0.6
0.7
0.8
0.9
1.0
Frequency coefficient
300Hz
1kHz
120Hz
Frequency coefficient
Rated voltage
6.3 ~ 100V
(10kHz ~
200kHz = 1)
160 ~ 450V
50Hz
120Hz
300Hz
1kHz
10kHz~
0.80
1.00
1.25
1.40
1.60
Frequency coefficient
of rated ripple current
PS
Smaller
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
120Hz, 20˚C
Rated Voltage (V)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63 ~ 100
0.08
160 ~ 350
0.20
400 450
0.25


Similar Part No. - UPJ1E561MDD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPJ1E391MPD NICHICON-UPJ1E391MPD Datasheet
106Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPJ1E470MED NICHICON-UPJ1E470MED Datasheet
107Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPJ1E471MPD NICHICON-UPJ1E471MPD Datasheet
106Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPJ1E561MDD

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com