Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDM2D681MERA Datasheet(PDF) 1 Page - Nichicon corporation

Part # LDM2D681MERA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LDM2D681MERA Datasheet(HTML) 1 Page - Nichicon corporation

  LDM2D681MERA Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
D
2
L
1
M
3
2
4
D
5
4
6
7
7
1
8
M
9
E
10
R
11
Z
12
G
13
A
14
Case dia. code
Configuration
Capacitance tolerance (
±20%)
Rated Capacitance (470
µF)
Rated voltage (200V)
Series name
Type
φD
20
22
Code
Y
Z
25
A
Lead wire configuration
GA:
Left side from the front
HA:
Right side from the front
()
2.0
Pressure relief vent
L±2
±1
0.6
3.5±1
8.0±2
P
φ20 : P=7.5
φ22, φ25 : P=8.5
Sleeve (P.E.T.)
ALUMINUM ELECTROLYTIC CAPACITORS
DM
series
Horizontal Mounting Type
For φ20, φ22 and φ25, but suited for horizontal mounting
toassure flat and low-profile design.
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 200V 470µF)
DM
DQ
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ + 85°C (200V), – 25 ~ + 85°C (400V)
200 400V
82 ~ 1200µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Capacitance change
Leakage current
After an application of DC voltage (in the range of rated
DC voltage even after over-lapping the specified ripple
current) for 2000 hours at 85°C, capacitors meet the
characteristic requirements listed at right.
After storing the capacitors under no load at 85°C
for 1000 hours, and after performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the characteristic requirements at right.
tan
δ
Within ± 20% of initial value
Initial specified value or less
200% or less of initial specified value
Rated voltage (V)
tan
δ (MAX.)
400
0.15
200
0.15
Measurement frequency : 120Hz
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage (V)
Impedance ratio
ZT/Z20(MAX.)
200
3
12
400
8
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
Dimensions
Rated Ripple (Arms) at 85°C 120Hz
Other ratings also available on request.
Frequency coefficient of rated ripple current
Frequency (Hz)
200V
400V
Coeff.
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
0082
0100
0120
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
20
× 30
20
× 30
20
× 35
20
× 40
20
× 45
20
× 50
1.32
1.49
1.66
1.93
2.00
2.30
22
× 35
22
× 40
22
× 45
22
× 50
22
× 60
1.88
1.96
2.43
2.80
3.00
25
× 35
25
× 40
25
× 45
25
× 60
2.68
2.80
3.12
3.44
20
× 30
20
× 30
20
× 35
20
× 40
20
× 50
0.78
0.90
1.02
1.17
1.30
22
× 35
22
× 40
22
× 45
22
× 60
1.20
1.38
1.55
1.70
25
× 35
25
× 40
25
× 45
25
× 50
25
× 60
1.25
1.56
1.70
1.90
2.15
400V (2G)
20
22
25
20
22
25
200V (2D)
Rated
ripple
Case size
φφ D
D
×× L (mm)
L (mm)
V(Code)
φD
Code
Cap.(µF)
High
Temperature
3 CV
Minimum order quantity : 50pcs.


Similar Part No. - LDM2D681MERA

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDM24 MPD-LDM24 Datasheet
607Kb / 4P
   LDM24-xx-xxx
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
LDM24-17-600 MPD-LDM24-17-600 Datasheet
607Kb / 4P
   Constant Current Output
LDM24-17-600 MPD-LDM24-17-600 Datasheet
607Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
More results

Similar Description - LDM2D681MERA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com