Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMJ1H221MDL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UMJ1H221MDL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UMJ1H221MDL Datasheet(HTML) 1 Page - Nichicon corporation

  UMJ1H221MDL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BD
P
Bd
4
1.5
0.45
5
2.0
0.45
6.3
2.5
0.45
Voltage
Capacitance
Lot No.
Trade mark
(mm)
Bd
Laminated case
5.2MAX.
15MIN
4MIN
ALUMINUM ELECTROLYTIC CAPACITORS
MJ
series
5.2mmL MAX.
5.2mmL MAX. height.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 25V 10µF)
U
1
M
2
J
3
1
4
E
5
1
6
0
7
0
8
M
9
D
10
L
11
Configuration
Capacitance tolerance (± 20%)
Rated Capacitance (10µF)
Rated voltage (25V)
Series name
Type
BD
4 ~ 6.3
Code
DL
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
4 ~ 50V
0.1 ~ 220µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated
voltage at 85°C, capacitors meet the
characteristic requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
tan
δ (MAX.)
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
0.26
4
0.35
10
0.20
16
0.16
25
0.14
35
0.12
50
0.12
4
7
15
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
Dimensions
Rated Ripple (mArms) at 85°C 120Hz
Voltage mark for 6.3V is [6V].
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
4
4
5
6.3
28
33
56
96
0G
4
0J
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
4
5
5
6.3
28
37
45
70
5
5
6.3
33
41
52
4
5
6.3
6.3
23
37
49
58
4
5
6.3
6.3
16
27
42
52
4
5
6.3
18
29
46
4
4
4
4
4
4
4
5
6.3
1.0
2.0
2.8
4.0
8.4
13
17
20
33
Rated
ripple
V
Cap.(µF)
Code
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.70
1.00
1.17
1.36
1.50
Case size
φ D (mm)
MJ
SA • SR
Smaller
MA
CAT.8100V


Similar Part No. - UMJ1H221MDL

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMJ107AB7102KA8T TAIYO-YUDEN-UMJ107AB7102KA8T Datasheet
402Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMJ107AB7102KAHT TAIYO-YUDEN-UMJ107AB7102KAHT Datasheet
400Kb / 3P
   Soft Termination MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications
UMJ107AB7102MA8T TAIYO-YUDEN-UMJ107AB7102MA8T Datasheet
402Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMJ107AB7102MAHT TAIYO-YUDEN-UMJ107AB7102MAHT Datasheet
400Kb / 3P
   Soft Termination MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications
UMJ107AB7222KA8T TAIYO-YUDEN-UMJ107AB7222KA8T Datasheet
401Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - UMJ1H221MDL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com