Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNR1E334MSE Datasheet(PDF) 1 Page - Nichicon corporation

Part # LNR1E334MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNR1E334MSE Datasheet(HTML) 1 Page - Nichicon corporation

  LNR1E334MSE Datasheet HTML 1Page - Nichicon corporation LNR1E334MSE Datasheet HTML 2Page - Nichicon corporation LNR1E334MSE Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
NR
series
Screw Terminal Type
Load life of 5000 hours application of rated ripple current at 85°C .
Extended rarge up to
φ100 × 250L size.
Available for adapted to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ (MAX)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C (10~100V) , – 25 ~ +85°C (160~250V)
10 ~ 250V
1000 ~ 2200000µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than
(µA) or 5 mA, whichever is smaller (at 20°C) .
[C:Rated Capacitance (µF) , V:Voltage(V)]
Printed with black color letter on light blue sleeve.
Measurement frequeny : 120Hz
Rated voltage(V)
After an application of DC voltage (in the range of rated
DC voltage even after over-lapping the specified rated ripple
current) for 5000 hours at 85°C, capacitors meet
the characteristic requirements listed at right.
After storing the capacitors under no load at 85°C
for 1000 hours, and after performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Impedance ratio
ZT/Z20(MAX.)
160~250
10~100
Z – 40°C / Z+20°C
12
Z – 25°C / Z+20°C
8
16
0.4
0.55
0.6
0.8
0.75
1.1
1.5
1.5
25
0.35
0.4
0.45
0.5
0.65
0.75
1.0
1.0
35
0.3
0.3
0.35
0.4
0.5
0.65
0.75
0.9
0.9
50
0.25
0.25
0.25
0.3
0.35
0.55
0.75
0.75
63
0.25
0.25
0.25
0.25
0.3
0.3
0.5
0.6
0.6
80
0.2
0.2
0.2
0.2
0.25
0.3
0.35
0.4
0.4
100
0.12
0.15
0.15
0.15
0.2
0.3
0.3
0.3
160~250
0.15
0.15
0.15
0.15
0.2
0.2
0.2
0.2
0.25
0.25
NR
NT
NX
Measurement frequency:
120Hz,
Temperature : 20°C
35
51
63.5
76.2
90
100
80
~100
120
70
~100
120~140
100
120~140
100
120~140
140~220
250
10
0.6
0.7
0.9
1.0
0.9
1.2
1.6
1.6
2.0
2.4
φD
V
L
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
175% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
175% or less of initial specified value
High
Te m p e rature
L
1
N
2
R
3
2
4
E
5
2
6
2
7
2
8
M
9
S
10
E
11
Capacitance tolerance (±20%)
Rated Capacitance (2200mF)
Rated voltage (250V)
Series name
Type
L
1
N
23
2
4 5
6 7
2
8
M
910 11
(f 35)
(f 51~ f 90)
Code less
B
3-leg brackets
2-leg brackets
N
No brackets
(f 100)
Code less
N
3-leg brackets
No brackets
Code less 2-leg brackets
N
No brackets
12
Mounting bracket
Configuration
Configuration
Cr (111) Plating
(RoHS compliant)
Cr (81) Plating
SE
SM
Type numbering system (Example : 250V 2200µF)
Drawing
Pressure relief vent
29±1
24
7
+
Sleeve
Bottom plate
1
Hexagenal headed bolt (M5)
L+3MAX.
15±0.5
10
B35 Screw terminal type
3
CV
Dimension table in next page.
NW
Please contact to us if PVCless products are required.
High ripple,
Longer life
High Voltage
Resin bushing available upon request.


Similar Part No. - LNR1E334MSE

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LNR2510AA LINKCOM-LNR2510AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR2512AA LINKCOM-LNR2512AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR3010AA LINKCOM-LNR3010AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR3015AA LINKCOM-LNR3015AA Datasheet
132Kb / 7P
   SMD Power Inductors
logo
Panasonic Semiconductor
LNR304712 PANASONIC-LNR304712 Datasheet
23Kb / 1P
   LED LINE LIGHT SOURCE
More results

Similar Description - LNR1E334MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com