Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCS2C101MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCS2C101MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2C101MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UCS2C101MHD Datasheet HTML 1Page - Nichicon corporation UCS2C101MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
CS
series
ALUMINUM ELECTROLYTIC CAPACITORS
V
10
´ 16
10
´ 20
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 20
16
´ 25
18
´ 31.5
320
500
650
750
1180
1275
1420
1420
1890
2370
3130
10
´ 16
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 20
16
´ 20
16
´ 20
16
´ 25
18
´ 25
18
´ 35.5
320
500
650
980
1300
1380
1420
1890
2365
3220
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 20
16
´ 20
16
´ 20
16
´ 25
18
´ 25
18
´ 31.5
350
500
800
980
1300
1380
1530
1940
3130
10
´ 16
10
´ 20
12.5
´ 20
16
´ 20
16
´ 20
16
´ 25
18
´ 20
18
´ 25
18
´ 25
280
350
650
900
1080
1400
1375
1530
1575
10
´ 16
10
´ 20
12.5
´ 20
12.5
´ 20
16
´ 20
16
´ 25
18
´ 20
18
´ 25
18
´ 25
280
350
550
760
900
1180
1180
1470
1525
10
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
18
´ 25
18
´ 31.5
280
450
600
730
980
980
1200
1575
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
fD
´ L (mm)
: Rated Ripple (mArms) at 105¡C 100kHz
: In this case, 6 will be put at 12th digit
of type numbering system.
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz ~
1.00
Dimensions
Frequency coefficient of rated ripple current
Cap
Code
6.8
10
15
22
33
47
68
82
100
150
220
330
6R8
100
150
220
330
470
680
820
101
151
221
331


Similar Part No. - UCS2C101MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCS2C101MHD NICHICON-UCS2C101MHD Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
UCS2C101MHD1TO NICHICON-UCS2C101MHD1TO Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
UCS2C101MHD6 NICHICON-UCS2C101MHD6 Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
UCS2C101MHD6TN NICHICON-UCS2C101MHD6TN Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
More results

Similar Description - UCS2C101MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com