Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMV0G220MFD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UMV0G220MFD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UMV0G220MFD Datasheet(HTML) 1 Page - Nichicon corporation

  UMV0G220MFD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
BD
P
Bd
4
1.5
0.45
5
2.0
0.45
6.3
2.5
0.45
(mm)
L+1MAX.
15 MIN
4 MIN
Sleeve (P.E.T.)
B d
ALUMINUM ELECTROLYTIC CAPACITORS
MV
series
5mmL, Long Life Assurance
Extended load life of 5000 hours at +105°C, with 5mm height.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Dimensions
Type numbering system (Example : 25V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +105°C
4 ~ 50V
0.1 ~ 100µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Printed with silver color letter on dark brown sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 5000 hours' application of rated voltage
at 105°C capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
tan
δ (MAX.)
4
0.37
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.13
50
0.12
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
4
8
14
6.3
4
10
10
3
7
16
2
5
25
2
3
35
2
3
50
2
3
Rated Ripple (mArms) at 105°C 120Hz
U
1
M
2
V
3
1
4
E
5
1
6
0
7
0
8
M
9
F
10
D
11
Configuration
Capacitance tolerance (± 20%)
Rated Capacitance (10µF)
Rated voltage (25V)
Series name
Type
B D
4 ~ 6.3
Pb-free leadwire
Pb-free PET sleeve
FD
Configuration
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
4
× 5
5
× 5
5
× 5
6.3
× 5
22
30
36
60
0G
4
0J
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
4
× 5
5
× 5
5
× 5
6.3
× 5
22
30
36
60
5
× 5
5
× 5
6.3
× 5
27
35
46
4
× 5
5
× 5
6.3
× 5
6.3
× 5
18
30
40
50
4
× 5
5
× 5
6.3
× 5
6.3
× 5
13
23
38
48
4
× 5
5
× 5
6.3
× 5
15
25
42
4
× 5
4
× 5
4
× 5
4
× 5
4
× 5
4
× 5
4
× 5
5
× 5
6.3
× 5
Case size
φD×L (mm)
1.0
2.6
3.2
3.8
6.2
11
14
19
30
Cap.(µF)
Code
V
Capacitance change
Leakage current
tan
δ
Within ± 30% of initial value
300% or less of initial specified value
Initial specified value or less
Rated
ripple
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.70
1.00
1.17
1.36
1.50
MV
SV
Smaller
Long Life
MT
MF


Similar Part No. - UMV0G220MFD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UMV NICHICON-UMV Datasheet
535Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
RF Micro Devices
UMV-1050-R16-G RFMD-UMV-1050-R16-G Datasheet
260Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1250-R16-G RFMD-UMV-1250-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1450-R16-G RFMD-UMV-1450-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1650-R16-G RFMD-UMV-1650-R16-G Datasheet
260Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - UMV0G220MFD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com