Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F930G227MBA Datasheet(PDF) 1 Page - Nichicon corporation

Part # F930G227MBA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F930G227MBA Datasheet(HTML) 1 Page - Nichicon corporation

  F930G227MBA Datasheet HTML 1Page - Nichicon corporation F930G227MBA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
Performance Characteristics
Item
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93
Resin-molded Chip,
Standard Series
∗ As for the surge and derated voltage at 125˚C, refer to page 266 for details.
Type numbering system (Example: 10V 10µF)
Drawing
Dimensions
Marking
Specifications
Category
Temperature Range
--55 ~ +125˚C (Rated temperature : +85˚C)
Capacitance Tolerance
± 20%, ±10% (at 120Hz)
Dissipation Factor (120Hz)
Refer to next page
ESR (100kHz)
Refer to next page
Leakage Current
• After 1 minute's application of rated voltage, leakage current
at 20˚C is not more than 0.01CV or 0.5µA, whichever is greater.
• After 1 minute's application of rated voltage, leakage current
at 85˚C is not more than 0.1CV or 5µA, whichever is greater.
• After 1 minute's application of derated voltage, leakage current
at 125˚C is not more than 0.125CV or 6.3µA, whichever is greater.
Capacitance Change
by Temperature
+15% Max. (at +125˚C)
+10% Max. (at +85˚C)
--10% Max. (at --55˚C)
Damp Heat
(No voltage applied)
At 40˚C 90 ~ 95% R.H. 500 hours
Capacitance Change Within ±10% of initial value
Dissipation Factor......Initial specified value or less
Leakage Current........Initial specified value or less
Temperature Cycles
--55˚C / +125˚C 30 minutes each 5 cycles
Capacitance Change Within ±5% of initial value
Dissipation Factor......Initial specified value or less
Leakage Current........Initial specified value or less
Resistance
to Soldering Heat
Test condition:
10 seconds reflow at 260˚C , 5 seconds immersion at 260˚C
Capacitance Change Within ±5% of initial value
Dissipation Factor......Initial specified value or less
Leakage Current........Initial specified value or less
Surge
After application of surge voltage in series with a 33
Ω resistor at the rate of
30 seconds ON, seconds OFF, for 1000 sucessive test cycles at 85˚C,
capacitors meet the characteristics requirements listed below.
Capacitance Change....Within ±5% of initial value
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Endurance
After 2000 hours' application of rated voltage in series with a 3
Ω resistor
at 85˚C, or derated voltage in series with a 3Ω resistor at 125˚C,
capacitors meet the characteristic requirements listed below.
Capacitance Change......Within ±10
% of initial value
Dissipation Factor..........Initial specified value or less
Leakage Current............Initial specified value or less
Shear Test
After applying the pressure load of 5N for 10±1 seconds
horizontally to the center of capacitor side body which has no
electrode and has been soldered
beforehand on an aluminum substrate,
neigher exfoliation not its sign shall be
found at the terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside down
and supporting the substrate at both of the opposite bottom points
45mm apart from the center of the capacitor, the pressure load is
applied with a specified jig at the
center of the substrate so that the
substrate may bend by 1mm as
illustrated.
Then, there shall be found no
remarkable abnormality on the
capacitor terminals.
Case code
L
W
1
W
2
HS
A
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.6 ± 0.2
0.8 ± 0.2
B
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.9 ± 0.2
0.8 ± 0.2
C
6.0 ± 0.2
3.2 ± 0.2
2.2 ± 0.1
2.5 ± 0.2
1.3 ± 0.2
N
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
2.8 ± 0.2
1.3 ± 0.2
(mm)
( ) The series in parentheses are being developed.
Please contact to your local Nichicon sales office when these
series are being designed in your application.
Taping code
(Refer to page 267 for details)
F
1
9
2
3
3
1
4
A
5
1
6
0
7
6
8
M
9
A
10 11
Case code
Capacitance tolerance
Rated Capacitance Rated voltage
Series
L
H
S
S
W2
W1
L
H
S
S
W2
W1
A B Case
C N Case
Capacitance (
µF)
Rated voltage
(V)
Rated voltage (V)
A Case
B Case
C Case
N Case
(Rated voltage code)
(Capacitance code)
C685
22
16V
2.5V
e
G
J
A
C
4V
6.3V
10V
16V
20V
D
E
V
25V
35V
5N (0.51kg ¥ f)
For 10±1seconds
20
R230
45
45
Standard ratings
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
474
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
A
A
B
B
(A) B
(B) C
C N
A
A
A
A
A B
A B
A B
A B
A B
B
(A) B C
C N
N
N
A
A
A
A
A
A B
A B
A B
A B
A B C
(A) B C
B C
(B) C N
N
N
A
A
A
A
A B
A B
A B
A B C
(A) B C
(B) C N
C N
C N
N
N
A
A
A
A
A
A B
A B
A B
A B C
B C
C N
N
(C) N
(N)
A
A
A
A
A B
A B
A B
C
(B) C
C N
N
(N)
A
A
A
A
A B
B
(B) C
C
C
N
N
2.5
0E
4
0G
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
A
A
A
A
A B
A B
C
(B) C
C
C N
N
N
V
Cap. (µF)
Code
Adapted to the RoHS directive (2002/95/EC).


Similar Part No. - F930G227MBA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F930G227MBA NICHICON-F930G227MBA Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F930G227MBA AVX-F930G227MBA Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
F930G227MBA NICHICON-F930G227MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G227MBA NICHICON-F930G227MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G227MBA NICHICON-F930G227MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F930G227MBA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com